Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 5Page - Texas Instruments ISO7041F Datasheet HTML 6Page - Texas Instruments ISO7041F Datasheet HTML 7Page - Texas Instruments ISO7041F Datasheet HTML 8Page - Texas Instruments ISO7041F Datasheet HTML 9Page - Texas Instruments ISO7041F Datasheet HTML 10Page - Texas Instruments ISO7041F Datasheet HTML 11Page - Texas Instruments ISO7041F Datasheet HTML 12Page - Texas Instruments ISO7041F Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
6.5 Electrical Characteristics (continued)
all minimum and maximum values at TA = –40°C to +125°C and all typical values at TA = 25°C, PVDD = VDD = IOVDD =
1.8 V, external or internal VREFIO = 1.25 V, RLOAD = 50 kΩ to GND, CLOAD = 100 pF to GND, and digital inputs at IOVDD or
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER REQUIREMENTS
IPVDD
Current flowing into PVDD
PVDD only, VDD internally generated, DAC at zero-
scale, ADC and SPI static, internal reference
170
210
µA
Shared PVDD and VDD connection, DAC at zero-
scale, ADC and SPI static
32
45
ILDO
VDD LDO quiescent current
From PVDD
8
µA
IVDD
Current flowing into VDD
Shared PVDD and VDD connection, DAC at zero-
scale, ADC and SPI static, internal reference
130
160
µA
IREFIO
Internal reference current consumption
From external or internally generated VDD
52
70
µA
IADC
ADC current consumption
From PVDD, ADC converting at 3.84 kSPS
10
µA
CVDD
Recommended VDD decoupling capacitance
1
10
µF
IIOVDD
Current flowing into IOVDD
SPI static
5
20
µA
IVREFIO
Current flowing into VREFIO
0.15-V to 1.25-V range, midscale code
10
µA
(1)
End point fit between code 0 to code 65,535 for 16-bit, code 0 to code 16,383 for 14-bit, DAC output unloaded, performance under
resistive and capacitive load conditions are specified by design and characterization.
(2)
Not production tested.
(3)
Derived from the characterization data.
(4)
Output buffer gain (G) = 2, PVDD > 2.7 V.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com