Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 1 Page - Texas Instruments

  ISO7041F Datasheet HTML 1Page - Texas Instruments ISO7041F Datasheet HTML 2Page - Texas Instruments ISO7041F Datasheet HTML 3Page - Texas Instruments ISO7041F Datasheet HTML 4Page - Texas Instruments ISO7041F Datasheet HTML 5Page - Texas Instruments ISO7041F Datasheet HTML 6Page - Texas Instruments ISO7041F Datasheet HTML 7Page - Texas Instruments ISO7041F Datasheet HTML 8Page - Texas Instruments ISO7041F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and
Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: AFE88101, AFE78101
• Low quiescent current: 170 µA (typ)
• 16-bit or 14-bit monotonic high-performance DAC
– 1.8-V supply: 0.15 V to 1.25 V, 0.2 V to 1.0 V
– 5-V supply: 0.3 V to 2.5 V, 0.4 V to 2.0 V
– 4-LSB INL at 16 bits
– 0.07% FSR (max) TUE from –40°C to +125°C
• 12-bit 3.84-kSPS ADC for advanced diagnostics
• Integrated 1.25-V reference at 10 ppm/°C
• Internal 1.2288-MHz oscillator with clock output
• Digital interfaces:
– Serial peripheral interface (SPI)
– Universal asynchronous receiver-transmitter
(UART)
• Fault detection: CRC bit error checking, windowed
watchdog timer, diagnostic ADC
• Wide operating temperature: –55°C to +125°C
2 Applications
• 2-wire transmitters
• 4-mA to 20-mA loop-powered applications
• Process control and industrial automation
• Smart transmitters
• PLC or DCS I/O modules
3 Description
The
16-bit
AFE88101
and
14-bit
AFE78101
(AFEx8101) are highly-integrated, high-accuracy,
extremely
low-power
digital-to-analog
converters
(DACs) with voltage outputs designed for sensor-
transmitter applications.
The AFEx8101 devices include most of the
components required to design a 4
‑mA to 20‑mA,
2
‑wire (loop-powered) sensor transmitter. In addition
to the highly accurate DAC, these devices include a
10
‑ppm/°C voltage reference and a diagnostic analog-
to-digital converter (ADC). To accommodate intrinsic
and functional-safety concerns, external voltage-to-
current conversion and power regulation are required.
The internal diagnostic ADC is multiplexed to
several internal nodes that enable an automatic self-
health check. This check is capable of detecting
errors or malfunctions of the internal bias sources,
power regulator, voltage reference, DAC output, die
temperature, and optional external voltage source. If
any fault is detected from the diagnostic ADC, CRC
frame-error checking, or windowed watchdog timer,
the devices can optionally issue an interrupt, enter a
fail-safe state corresponding to a standard NAMUR
output value or user-specified custom value, or both.
These devices operate from supplies as low as 1.71 V
with a maximum quiescent current of 210 µA. The
devices are specified over the temperature range of
–40°C to +125°C, but are functional from –55°C to
+125°C.
Device Information
PART NUMBER
RESOLUTION
PACKAGE(1)
AFE78101
14-bit
RRU (UQFN, 24)
4.00 mm × 4.00 mm
AFE88101
16-bit
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
MUX
12-Bit ADC
MUX
Internal
Diagnostics
Temperature
Sensor
AIN0
POL_SEL/AIN1
16-/14-Bit
DAC
VOUT
Alarm
Diagnostics
Alarm
Responses
User
Calibration
Slew-Rate
Control
DAC Data
Register
Watchdog
Timer
CRC Frame
Error Check
ALARM
Control Logic
CS
SDI
SDO
SCLK
SCLR
UARTIN
UARTOUT
PVDD
VDD
GND
Internal
Reference
VREFIO
REF_EN
REF_GND
IOVDD
RESET
Internal
Oscillator
CLK_OUT
IRQ (UARTOUT or SDO)
Output Buffer
Range Setting
Functional Block Diagram
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7041F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7041FDBQ TI1-ISO7041FDBQ Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7041FDBQR TI1-ISO7041FDBQR Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7041FQDBQRQ1 TI-ISO7041FQDBQRQ1 Datasheet
1Mb / 34P
ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator
JUNE 2022
More results

Similar Description - ISO7041F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Texas Instruments
AFE781H1 TI-AFE781H1 Datasheet
4Mb / 111P
AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
MARCH 2023
AFE78201 TI-AFE78201 Datasheet
3Mb / 94P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFE78201 TI-AFE78201_V01 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com