Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 49 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 49 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 45Page - Texas Instruments ISO7041F Datasheet HTML 46Page - Texas Instruments ISO7041F Datasheet HTML 47Page - Texas Instruments ISO7041F Datasheet HTML 48Page - Texas Instruments ISO7041F Datasheet HTML 49Page - Texas Instruments ISO7041F Datasheet HTML 50Page - Texas Instruments ISO7041F Datasheet HTML 51Page - Texas Instruments ISO7041F Datasheet HTML 52Page - Texas Instruments ISO7041F Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
7.5.3 UART
In UART mode, the device expects 1 start bit, 8 data bits, 1 odd parity bit, and 1 stop bit, or an 8O1 UART
character format.
7.5.3.1 UART Break Mode (UBM)
In UART break mode (UBM), the microcontroller issues a UART break to start communication. The device
interprets the UART break as the start to receive commands from the UART. A communication UART character
consists of one start bit, eight data bits, one odd parity bit, and at least one stop bit. A UART break character
is all 11 bits (including start, data, parity and stop bit) held low by the microcontroller on the UARTIN pin
and by the AFEx8101 on the UARTOUT pin. When a valid break character is detected on UARTIN by the
AFEx8101, no parity (even though parity is odd) or stop bit errors are flagged for this character. The parity and
stop bit differences between valid UBM break and communication characters must be managed by the system
microcontroller when receiving these characters from the UARTOUT pin of the AFEx8101. See Figure 6-2 for
UBM break character, communication timing details, and bit order.
AFEx8101 UART break mode communication is supported at 9600 baud.
Set UBM.REG_MODE = 1 to enable register map access through the UART. By default, this bit is set to 0. The
entire register map can only be accessed with SPI, except for the UBM register. The UBM register can only be
accessed with UBM. After UBM.REG_MODE is set to 1, the SPI does not have access to the register map, and
the full register map is accessible by UBM.
A UBM data output packet is initiated by AFEx8101 on UARTOUT in two cases. See Figure 7-23 for packet
structure details. If the R/IRQn status bit is 0 an IRQ event initiated the break command. If the R/IRQn status bit
is 1, the break command is a response to the prior read request.
To enable IRQ events, set CONFIG.UBM_IRQ_EN = 1. When IRQ is enabled, the AFEx8101 triggers a break
command followed by data on UARTOUT (see Figure 7-23).
The contents of the data are listed in order of priority below.
1. If ALARM_IRQ bit is set, then the contents of the ALARM_STATUS register are output.
2. If GEN_IRQ is set, then the contents of the GEN_STATUS register are output.
3. If none of the previous bits are set, then an IRQ is not generated.
A break byte is followed by three bytes. These three bytes have information identical to the SPI frame without
the CRC (see Figure 7-20). The CRC cannot be enabled for UBM. All communication characters on the UART
bus are transmitted least significant data bit (D0) first.
Figure 7-21 shows the data structure of the UBM write command, and Figure 7-22 shows the data structure of
the UBM read command.
S = Start bit, Par = Parity bit, P = Stop bit
UART Break
UART Write Data MSB
Address
[0:6]
S
P
UART Break Write
Par
1'b0
(Write)
Data
[8:15]
S
P
Par
UART Write Data LSB
Data
[0:7]
P
Par
UARTIN
S
Figure 7-21. UARTIN Break Write Data Format
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com