Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 28 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 24Page - Texas Instruments ISO7041F Datasheet HTML 25Page - Texas Instruments ISO7041F Datasheet HTML 26Page - Texas Instruments ISO7041F Datasheet HTML 27Page - Texas Instruments ISO7041F Datasheet HTML 28Page - Texas Instruments ISO7041F Datasheet HTML 29Page - Texas Instruments ISO7041F Datasheet HTML 30Page - Texas Instruments ISO7041F Datasheet HTML 31Page - Texas Instruments ISO7041F Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
Sinusoidal mode enables fast DAC settling while improving analog rate of change characteristics. Sinusoidal
mode is selected by the DAC_CFG.SR_MODE bit. Figure 7-5 and Figure 7-6 show the typical rising and falling
DAC output waveforms with sinusoidal slew-rate control, respectively.
4 mA (0x0BA3) to 24 mA (0xF45D) measured on a 40-Ω shunt
Figure 7-5. Sinusoidal Slew Rate: Rising
24 mA (0xF45D) to 4 mA (0x0BA3) measured on a 40-Ω shunt
Figure 7-6. Sinusoidal Slew Rate: Falling
If the slew-rate feature is disabled while the DAC is executing the slew-rate command, the slew-rate operation is
aborted, and the DAC output goes to the target code.
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com