Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 4Page - Texas Instruments ISO7041F Datasheet HTML 5Page - Texas Instruments ISO7041F Datasheet HTML 6Page - Texas Instruments ISO7041F Datasheet HTML 7Page - Texas Instruments ISO7041F Datasheet HTML 8Page - Texas Instruments ISO7041F Datasheet HTML 9Page - Texas Instruments ISO7041F Datasheet HTML 10Page - Texas Instruments ISO7041F Datasheet HTML 11Page - Texas Instruments ISO7041F Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
6.5 Electrical Characteristics (continued)
all minimum and maximum values at TA = –40°C to +125°C and all typical values at TA = 25°C, PVDD = VDD = IOVDD =
1.8 V, external or internal VREFIO = 1.25 V, RLOAD = 50 kΩ to GND, CLOAD = 100 pF to GND, and digital inputs at IOVDD or
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE INPUT
ZVREFIO
Reference input impedance (VREFIO)
RANGE = 0
125
kΩ
RANGE = 1
180
CVREFIO Reference input capacitance (VREFIO)
100
pF
VOLTAGE REFERENCE OUTPUT
Output (initial accuracy)(3)
TA = 25°C
1.248
1.25
1.252
V
Output drift(3)
TA = –40°C to +125°C
10
ppm/
℃
Output impedance(3)
0.1
Ω
Output noise(3)
0.1 Hz to 10 Hz
7.5
µVPP
Output noise density(3)
Measured at 10 kHz, reference load = 100 nF
200
nV/√Hz
Load current(3)
Sourcing, 0.1% VREF change from nominal
2.5
mA
Sinking, 0.1% VREF change from nominal
0.3
Load regulation(3)
Sourcing, 0 mA to 2.5 mA
4
µV/mA
COUT
Stable output capacitance
TA = –40°C to +125°C,
ESR from 10 mΩ to 400 mΩ
70
100
130
nF
Line regulation(3)
80
µV/V
Output voltage drift vs time(3)
TA = 35°C, 1000 hours
±100
ppm
Thermal hysteresis(3)
1st cycle
500
µV
Additional cycles
25
µV
VDD VOLTAGE REGULATOR OUTPUT
Output voltage
1.71
1.8
1.89
V
Output impedance(3)
PVDD = 3.3 V, sourcing, 0.5 mA to 2.5 mA
3
Ω
Load current(3)
PVDD = 3.3 V, sourcing, 1% VDD change from
nominal
4
mA
THERMAL ALARM
Alarm trip point
130
°C
Warning trip point
85
°C
Hysteresis
12
°C
Trip point absolute accuracy
5
°C
Trip point relative accuracy
2
°C
DIGITAL INPUT CHARACTERISTICS
VIH
High-level input voltage
0.7
V/IOVDD
VIL
Low-level input voltage
0.3
V/IOVDD
Hysteresis voltage
0.05
V/IOVDD
Input current
–400
400
nA
Pin capacitance
Per pin
10
pF
DIGITAL OUTPUT CHARACTERISTICS
VOH
High-level output voltage
ISOURCE = 1 mA
0.8
V/IOVDD
VOL
Low-level output voltage
ISINK = 1 mA
0.2
V/IOVDD
VOL
Open-drain low-level output voltage
ISINK = 2 mA
0.3
V
Output pin capacitance
10
pF
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com