Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 68 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 68 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 64Page - Texas Instruments ISO7041F Datasheet HTML 65Page - Texas Instruments ISO7041F Datasheet HTML 66Page - Texas Instruments ISO7041F Datasheet HTML 67Page - Texas Instruments ISO7041F Datasheet HTML 68Page - Texas Instruments ISO7041F Datasheet HTML 69Page - Texas Instruments ISO7041F Datasheet HTML 70Page - Texas Instruments ISO7041F Datasheet HTML 71Page - Texas Instruments ISO7041F Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
7.6.1.27 ADC_SD_MUX Register (Offset = 27h) [Reset = 0000h]
Return to the Register Map.
Table 7-38. ADC_SD_MUX Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
Converted Value of Voltage on Self-Diagnostic (SD) MUX Input
7.6.1.28 ADC_OFFSET Register (Offset = 28h) [Reset = 0000h]
Return to the Register Map.
Table 7-39. ADC_OFFSET Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
ADC Comparator Offset
This value reports the offset measured in the device, and can be
used to adjust each conversion value. If ADC_BYP.OFST_BYP_EN
is set, then the value in ADC_BYP.DATA is used as the offset. This
value is not affected by ADC_BYP.
7.6.1.29 DAC_OUT Register (Offset = 2Ch) [Reset = 0000h]
Return to the Register Map.
Table 7-40. DAC_OUT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
DATA
R
0h
DAC Code Applied to the Analog Circuit
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
68
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com