Electronic Components Datasheet Search
  English  ▼

X  

ISO7041F Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO7041F
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7041F Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO7041F Datasheet HTML 20Page - Texas Instruments ISO7041F Datasheet HTML 21Page - Texas Instruments ISO7041F Datasheet HTML 22Page - Texas Instruments ISO7041F Datasheet HTML 23Page - Texas Instruments ISO7041F Datasheet HTML 24Page - Texas Instruments ISO7041F Datasheet HTML 25Page - Texas Instruments ISO7041F Datasheet HTML 26Page - Texas Instruments ISO7041F Datasheet HTML 27Page - Texas Instruments ISO7041F Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
7.3.1.1 DAC Resistor String
Figure 7-1 shows that the resistor string structure consists of a series of resistors, each of value R. The code
loaded to the DAC determines the node on the string at which the voltage is tapped off to be fed into the output
amplifier. The voltage is tapped off by closing one of the switches connecting the string to the amplifier. The
resistor string architecture has inherent monotonicity, voltage output, and low glitch.
To Output
Am plifier
R
R
R
R
R
Figure 7-1. DAC Resistor String
7.3.1.2 DAC Buffer Amplifier
The VOUT output pin is driven by the DAC output buffer amplifier. The output amplifier default settings are
designed to drive capacitive loads as high as 100 pF without oscillation. The output buffer is able to source
and sink 1 mA. The device implements short-circuit protection for momentary output shorts to ground and VDD
supply. The source and sink short-circuit current thresholds are set to 5 mA.
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com