Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 34 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD74115 Datasheet HTML 30Page - Analog Devices AD74115 Datasheet HTML 31Page - Analog Devices AD74115 Datasheet HTML 32Page - Analog Devices AD74115 Datasheet HTML 33Page - Analog Devices AD74115 Datasheet HTML 34Page - Analog Devices AD74115 Datasheet HTML 35Page - Analog Devices AD74115 Datasheet HTML 36Page - Analog Devices AD74115 Datasheet HTML 37Page - Analog Devices AD74115 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
Data Sheet
AD74115
THEORY OF OPERATION
analog.com
Rev. 0 | 34 of 103
Open-Circuit Detection
In current output mode, if the headroom voltage falls below the
compliance voltage (specified in Table 2), due to an open-loop
circuit on the channel, a current output open-circuit error is flagged
for that channel, and the ALERT pin asserts. If VAVDD is insufficient
to drive the programmed current output, the open-circuit error is
flagged.
Interpreting ADC Data
In current output mode, the ADC, by default, is configured to
measure the voltage across the screw terminals (I/OP to I/ON) in a
0 V to 12 V range. Use the ADC measurement result to calculate
the voltage across these screw terminals by using the following
equation:
VADC = (ADC_CODE/65,536) × Voltage Range
where:
VADC is the measured voltage in volts.
ADC_CODE is the value of the ADC_RESULT1 register.
Voltage Range is the measurement range of the ADC and is 12 V.
Voltage Input
In voltage input mode, the voltage across the screw terminals
(I/OP to I/ON) is measured by the ADC via the SENSELF and the
AGND_SENSE pins. It is essential to connect the AGND_SENSE
pin as close as possible to the I/ON screw terminal to ensure an
accurate voltage measurement. Figure 31 shows the current and
measurement paths of the voltage input mode.
In voltage input mode, the voltage can be measured in a ±12 V
range. However, there is also an option to measure the I/OP screw
terminal voltage using the diagnostics function. The diagnostics
function allows the voltage to be measured across the full supply
rails.
Figure 31. Voltage Input Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com