Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 49 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD74115 Datasheet HTML 45Page - Analog Devices AD74115 Datasheet HTML 46Page - Analog Devices AD74115 Datasheet HTML 47Page - Analog Devices AD74115 Datasheet HTML 48Page - Analog Devices AD74115 Datasheet HTML 49Page - Analog Devices AD74115 Datasheet HTML 50Page - Analog Devices AD74115 Datasheet HTML 51Page - Analog Devices AD74115 Datasheet HTML 52Page - Analog Devices AD74115 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
Data Sheet
AD74115
THEORY OF OPERATION
analog.com
Rev. 0 | 49 of 103
Smart Diode
In current sourcing applications, a blocking diode is typically placed
in series with the output FETs to ensure that the digital output
path is protected against reverse overvoltage conditions (when the
I/OP screw terminal voltage is greater than the DO_VDD voltage,
VDO_VDD). This typical configuration is shown in Figure 42.
Significant power can be dissipated in this diode when the digital
output circuit is sourcing high currents (for example, a 500 mA
current source and a diode drop of 0.5 V generates 250 mW of
power).
The AD74115 has a smart diode feature when using the external
digital output function. An additional FET is connected, along with a
resistor and protection Zener, as shown in Figure 44. The gate of
the FET is controlled by the DO_SRC_DGATE pin. When the FET
is disabled, the body diode of the FET conducts. When the FET
is enabled, the power dissipated is calculated by P = I2R, where I
is the sourced current, and R is the RON of the FET. Typically, the
power dissipation in this scenario is <50 mW.
To enable the smart diode option, set DO_EXT_MODE to an exter-
nal source with a smart diode in the DO_EXT_CONFIG register.
Figure 44. Smart Diode Configuration for Current Sourcing with an External FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com