Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 63 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD74115 Datasheet HTML 59Page - Analog Devices AD74115 Datasheet HTML 60Page - Analog Devices AD74115 Datasheet HTML 61Page - Analog Devices AD74115 Datasheet HTML 62Page - Analog Devices AD74115 Datasheet HTML 63Page - Analog Devices AD74115 Datasheet HTML 64Page - Analog Devices AD74115 Datasheet HTML 65Page - Analog Devices AD74115 Datasheet HTML 66Page - Analog Devices AD74115 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 103 page
background image
Data Sheet
AD74115
THEORY OF OPERATION
analog.com
Rev. 0 | 63 of 103
Driving Inductive Loads
It is recommended to use the digital slew rate control when driving
inductive loads greater than approximately 4 mH. Controlling the
output slew rate minimizes ringing when stepping the output current
by minimizing the current rate of change (di/dt). See the IOUT typical
performance of the settling time with an inductive load with and
without the slew rate enabled in the Figure 11.
RESET FUNCTION
After the AD74115 is reset, all registers are reset to the default
state, and the calibration memory is refreshed. The device is config-
ured in high impedance mode. A reset can be initiated in several
ways.
The hardware reset is initiated by pulsing the RESET pin low. The
RESET pulse width must comply with the specifications in Table 14.
A software reset is initiated by writing the 0x15FA code (Software
Reset Key 1) followed by the 0xAF51 code (Software Reset Key 2)
to the CMD_KEY register.
A reset can also be initiated via the thermal reset function, which is
described in the Thermal Alert and Thermal Reset section.
If the VDLDO1V8 or the VDVCC drop below the specified power supply
monitors threshold highlighted in Table 13 the internal power-on
reset function resets the AD74115. The device does not come out
of reset until the VDLDO1V8 and the VDVCC rise above these voltage
levels.
After a reset cycle completes, the RESET_OCCURRED bit is set
in the ALERT_STATUS register. If an SPI transfer is attempted
before the reset cycle is complete (see Table 13 for typical reset
time), the CAL_MEM_ERR bit in the SUPPLY_ALERT_STATUS
register is also set to indicate that the calibration memory is not
fully refreshed. After the reset time elapses, clear these bits in the
ALERT_STATUS register before continuing to use the device.
FAULTS AND ALERTS
The AD74115 is equipped with several fault monitors to detect an
error condition.
If an alert or fault condition occurs, the ALERT pin asserts. To
determine the source of the alert condition, read the ALERT_
STATUS register. This register contains a latched bit for each alert
condition.
After the error condition is removed, clear the activated flag by writ-
ing 1 to the location of the corresponding bits in the ALERT_STA-
TUS register (write 0xFFFF to the ALERT_STATUS register to clear
all alert bits). Alerts asserted in SUPPLY_ALERT_STATUS must be
cleared before the ALERT_STATUS register.
The LIVE_STATUS register is a live representation of the error
conditions. The bits in this register are not latched and clear
automatically when the error condition is no longer present.
The ALERT_MASK register prevents error conditions from activat-
ing the ALERT pin.
Channel Faults
The AD74115 is equipped with multiple open-circuit and short-cir-
cuit faults in the various functions as described in the Device
Functions section. Manage faults as these faults appear and reset
the channel, if necessary, to avoid overheating the device.
Power Supply Monitors
The AD74115 includes six power supply monitors to detect a
supply failure. If any of the supplies fall to less than the defined
threshold detailed in Table 13, the corresponding bit is set in the
ALERT_STATUS register.
Thermal Alert and Thermal Reset
If the AD74115 die temperature reaches the alert temperature
described in Table 13, a high temperature error bit (TEMP_ALERT)
is set in the ALERT_STATUS register to alert the user of the
increasing die temperature.
The device can also be configured to reset at higher die temper-
atures. To reset the device at higher temperatures, enable the
thermal reset function by setting the EN_THERM_RST bit in the
THERM_RST register. After this bit is set, the device goes through
a full reset after the die temperature reaches the reset temperature
described in Table 13.
Burnout Currents
Burnout currents are used to verify the integrity of an attached
sensor and to ensure that it has not gone open circuit before taking
a measurement from it. The AD74115 can be enabled to provide
a user programmable, current source that can be programmed
to a fixed value between 50 nA and 10 μA. Burnout currents
are available on the VIOUT (to monitor the I/OP screw terminal),
SENSE_EXT1, and SENSE_EXT2 pins and can be programmed to
source or sink current.
The burnout current sources are disabled on power up. Program
the burnout current using the bits in the I_BURNOUT_CONFIG
register. The full list of available current settings can be found in
Table 13.
The current source can be enabled at all times or alternatively
enabled when needed for diagnostic purposes. When a burnout
current source is enabled, the selected current is switched onto the
selected pin, and it flows in the external load.
FET LEAKAGE COMPENSATION
A software configurable input and output solution can include a
precision analog input and output capability along with a high
current, digital output capability on a single screw terminal. In this
case, the external FET used in the digital output function may



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com