Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 97 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD74115 Datasheet HTML 93Page - Analog Devices AD74115 Datasheet HTML 94Page - Analog Devices AD74115 Datasheet HTML 95Page - Analog Devices AD74115 Datasheet HTML 96Page - Analog Devices AD74115 Datasheet HTML 97Page - Analog Devices AD74115 Datasheet HTML 98Page - Analog Devices AD74115 Datasheet HTML 99Page - Analog Devices AD74115 Datasheet HTML 100Page - Analog Devices AD74115 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 103 page
background image
Data Sheet
AD74115
REGISTER MAP
analog.com
Rev. 0 | 97 of 103
Table 66. Bit Descriptions for ALERT_MASK
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
ANALOG_IO_OC_MASK
Mask Bit for ANALOG_IO_OC.
0x0
R/W
13
ANALOG_IO_SC_MASK
Mask Bit for ANALOG_IO_SC.
0x0
R/W
12
DO_INT_TIMEOUT_MASK
Mask Bit for DO_INT_TIMEOUT.
0x0
R/W
11
DO_EXT_TIMEOUT_MASK
Mask Bit for DO_EXT_TIMEOUT.
0x0
R/W
10
DO_INT_SC_MASK
Mask Bit for DO_INT_SC.
0x0
R/W
9
DO_EXT_SC_MASK
Mask Bit for DO_EXT_SC.
0x0
R/W
8
DO_THERM_RESET_MASK
Mask Bit for DO_THERM_RESET.
0x0
R/W
7
DI_OC_ERR_MASK
Mask Bit for DI_OC_ERR.
0x0
R/W
6
DI_SC_ERR_MASK
Mask Bit for DI_SC_ERR.
0x0
R/W
5
ADC_ERR_MASK
Mask Bit for ADC_ERR.
0x0
R/W
4
TEMP_ALERT_MASK
Mask Bit for TEMP_ALERT.
0x0
R/W
3
PPC_ERR_MASK
Mask Bit for PPC_ERR.
0x0
R/W
2
SPI_ERR_MASK
Mask Bit for SPI_ERR.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
Alert Mask Register for SUPPLY_ALERT_STATUS
Address: 0x60, Reset: 0x0000, Name: SUPPLY_ALERT_MASK
This register is used to mask specific SUPPLY_ALERT_STATUS bits from activating the ALERT pin. The position of mask bits in this register
line up the corresponding status bits in the SUPPLY_ALERT_STATUS register. To mask a particular alert, set the corresponding mask bit to 1.
Note that masking a bit does not prevent it from setting the equivalent alert bit in the ALERT_STATUS register.
Mask Bit for AVDD_ERR.
Mask Bit for CAL_MEM_ERR.
Mask Bit for the AVSS_ERR.
Mask Bit for DO_VDD_ERR.
Mask Bit for the DVCC_ERR.
Mask Bit for ALDO1V8_ERR.
Mask Bit for AVCC_ERR.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:7] RESERVED
[0] AVDD_ERR_MASK (R/W)
[6] CAL_MEM_ERR_MASK (R/W)
[1] AVSS_ERR_MASK (R/W)
[5] DO_VDD_ERR_MASK (R/W)
[2] DVCC_ERR_MASK (R/W)
[4] ALDO1V8_ERR_MASK (R/W)
[3] AVCC_ERR_MASK (R/W)
Table 67. Bit Descriptions for SUPPLY_ALERT_MASK
Bits
Bit Name
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x0
R
6
CAL_MEM_ERR_MASK
Mask Bit for CAL_MEM_ERR.
0x0
R/W
5
DO_VDD_ERR_MASK
Mask Bit for DO_VDD_ERR.
0x0
R/W
4
ALDO1V8_ERR_MASK
Mask Bit for ALDO1V8_ERR.
0x0
R/W
3
AVCC_ERR_MASK
Mask Bit for AVCC_ERR.
0x0
R/W
2
DVCC_ERR_MASK
Mask Bit for the DVCC_ERR.
0x0
R/W
1
AVSS_ERR_MASK
Mask Bit for the AVSS_ERR.
0x0
R/W
0
AVDD_ERR_MASK
Mask Bit for AVDD_ERR.
0x0
R/W
Readback Select Register
Address: 0x64, Reset: 0x0000, Name: READ_SELECT
This register selects the address of the register required to be read back and determines the contents of the SPI readback frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com