Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 21 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD74115 Datasheet HTML 17Page - Analog Devices AD74115 Datasheet HTML 18Page - Analog Devices AD74115 Datasheet HTML 19Page - Analog Devices AD74115 Datasheet HTML 20Page - Analog Devices AD74115 Datasheet HTML 21Page - Analog Devices AD74115 Datasheet HTML 22Page - Analog Devices AD74115 Datasheet HTML 23Page - Analog Devices AD74115 Datasheet HTML 24Page - Analog Devices AD74115 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
Data Sheet
AD74115
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 21 of 103
Table 19. Pin Function Description (Continued)
Pin No.
Mnemonic
Description
26
AVSS1
Negative Analog Supply.
27
SENSE_EXT2
High Voltage Sense Pin.
28
SENSE_EXT1
High Voltage Sense Pin
29
SENSELF
Filtered Low-Side Sense Pin. SENSELF can be switched to an ADC input. This pin is routed to the I/OP screw terminal
side of RSENSE through the off-chip filter.
30
SENSEL
Low-Side Sense Pin. SENSEL closes the loop within the voltage and current output modes. This pin is routed to the I/OP
screw terminal side of RSENSE.
31
SENSEHF
Filtered High-Side Sense Pin. SENSEHF can be switched to an ADC input. This pin is routed to the AD74115 side of
RSENSE through the off-chip filter.
32
SENSEH
High-Side Sense Pin. SENSEH closes the loop within current output mode. This pin is routed to the AD74115 side of
RSENSE.
33
VIOUT
Voltage or Current Force Pin. VIOUT provides a voltage or a current to the I/OP screw terminal.
34
CCOMP
Compensation Capacitor Pin. CCOMP allows the AD74115 to drive high capacitive loads in the voltage output use case.
Connect the capacitor between the CCOMP pin and the I/O screw terminal.
35
AGND
Analog Ground.
37
LVIN
Low Voltage Input Pin. The voltage on LVIN can be measured by selecting the LVIN option in the diagnostics block. The
measurement voltage range is 0 V to 2.5 V. For best performance, use an antialiasing filter on this pin.
38
DO_SRC_DGATE
Smart Diode Gate Drive Pin.
39
DO_SRC_GATE
Sourcing Digital Output Gate Drive.
40
DO_SRC_SNS
Sourcing Digital Output Sense Pin. If not using the digital output function with an external FET, tie DO_SRC_SNS to
DO_VDD.
41
DO_SRC_INT
Internal Sourcing Digital Output.
42
DO_VDD1
Positive Supply for Digital Output Circuit.
43
DO_SNK_SNS
Sinking Digital Output Sense.
44
DO_SNK_GATE
Sinking Digital Output Gate Drive.
45
DO_SNK_INT
Internal Sinking Digital Output.
46
DGND
Digital Ground.
47
AVCC1
5 V Analog Supply.
48
ALDO1V81
1.8 V Analog LDO Output. Do not use ALDO1V8 externally.
Exposed Pad
Exposed Pad. Connect the exposed pad to the AVSS pin.
1 Connect the recommended decoupling capacitors shown in Table 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com