Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 80 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 80 Page - Analog Devices

Back Button AD74115 Datasheet HTML 76Page - Analog Devices AD74115 Datasheet HTML 77Page - Analog Devices AD74115 Datasheet HTML 78Page - Analog Devices AD74115 Datasheet HTML 79Page - Analog Devices AD74115 Datasheet HTML 80Page - Analog Devices AD74115 Datasheet HTML 81Page - Analog Devices AD74115 Datasheet HTML 82Page - Analog Devices AD74115 Datasheet HTML 83Page - Analog Devices AD74115 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 103 page
background image
Data Sheet
AD74115
REGISTER MAP
analog.com
Rev. 0 | 80 of 103
Table 43. Bit Descriptions for OUTPUT_CONFIG (Continued)
Bits
Bit Name
Description
Reset
Access
1: Current-Limit 1. VOUT: 16 mA source or sink. IOUT: 1 mA sink.
3-Wire and 4-Wire RTD Configuration Register
Address: 0x07, Reset: 0x0001, Name: RTD3W4W_CONFIG
This register configures the 3-wire and 4-wire RTD measurements.
Table 44. Bit Descriptions for RTD3W4W_CONFIG
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
RTD_MODE_SEL
3-Wire or 4-Wire RTD Mode Select.
0x0
R/W
0: 3-Wire RTD Mode.
1: 4-Wire RTD Mode.
2
RTD_EXC_SWAP
3-Wire RTD Excitation Swap. This field is only used for 3-wire RTD.
0x0
R/W
[1:0]
RTD_CURRENT
RTD Current. Values other than those listed as follows select a current of 250 μA.
0x1
R/W
00: 250 μA.
01: 500 μA.
10: 750 μA.
11: 1 mA.
Digital Output with Internal FET Configuration Register
Address: 0x08, Reset: 0x2E00, Name: DO_INT_CONFIG
This register configures the settings for the internal digital output function. When the digital output functionality is enabled, the recommended
configuration of the CH_FUNC_SETUP register is to set it to high impedance.
Table 45. Bit Descriptions for DO_INT_CONFIG
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
14
DO_DATA_INT
FET Drive.
0x0
R/W
0: source or sink mode, switch off the FET. Push-pull mode: sink current.
1: source or sink mode, switch on the FET. Push-pull mode: source current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com