Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 8 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD74115 Datasheet HTML 4Page - Analog Devices AD74115 Datasheet HTML 5Page - Analog Devices AD74115 Datasheet HTML 6Page - Analog Devices AD74115 Datasheet HTML 7Page - Analog Devices AD74115 Datasheet HTML 8Page - Analog Devices AD74115 Datasheet HTML 9Page - Analog Devices AD74115 Datasheet HTML 10Page - Analog Devices AD74115 Datasheet HTML 11Page - Analog Devices AD74115 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
Data Sheet
AD74115
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 103
3-WIRE RTD MEASUREMENT
AVDD = +6 V to +28.8 V, AVSS = −2.5 V to −18 V, AGND = DGND = 0 V, REFIN = +2.5 V (ideal), DVCC = +2.7 V to +5.5 V, AVCC = +4.5
V to +5.5 V, and all specifications are at TA = −40°C to +105°C, unless otherwise noted. RSENSE = 100 Ω (ideal) and CLOAD = 4.7 nF per the
recommended configuration.
Table 7. 3-Wire RTD Measurement
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RESISTANCE MEASUREMENT
Input Range
0.001
4
kΩ
Programmable Excitation Current
250
µA
The voltage generated across the (reference resistor (RREF) +
the RTD resistor (RRTD)) must be less than the AVCC voltage
(VAVCC)
500
µA
750
µA
1
mA
Current Matching
Excitation Current Matching
−0.5
+0.5
%
For 500 µA, 750 µA, and 1 mA
Current Matching Drift
5
ppm/˚C
Open-Circuit Detect Voltage
Excitation current and resistor combinations generating a
voltage greater than this are treated as open-circuit
SENSEH
4.0
V
SENSE_EXT1
2.7
V
ACCURACY1
Measurement Range
1 Ω to 40 Ω
±0.036,
±0.023
%,
Ω
±% of the measured value plus ± the fixed error, suitable for
Pt10, Cu10, or similar, 1 mA excitation current and 104.16 mV
ADC range
10 Ω to 400 Ω
±0.037,
±0.037
%,
Ω
±% of the measured value, suitable for Pt100 or similar, 1 mA
excitation current, and 0.625 V ADC range
100 Ω to 4 kΩ
±0.084,
±0.358
%,
Ω
±% of the measured value, suitable for Pt1000, and 500 μA
excitation current, and 0 V to 12 V ADC range
1 Guaranteed by design and characterization.
4-WIRE RTD MEASUREMENT
AVDD = +6 V to +28.8 V, AVSS = −2.5 V to −18 V, AGND = DGND = 0 V, REFIN = +2.5 V (ideal), DVCC = +2.7 V to +5.5 V, AVCC = +4.5
V to +5.5 V, and all specifications are at TA = −40°C to +105°C, unless otherwise noted. RSENSE = 100 Ω (ideal) and CLOAD = 4.7 nF per the
recommended configuration.
Table 8. 4-Wire RTD Measurement
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RESISTANCE MEASUREMENT
Input Range
0.001
4
kΩ
Programmable Excitation Current
250
µA
The voltage generated across (RREF + RRTD) must be less than
VAVCC
500
µA
750
µA
1
mA
SENSEH Open-Circuit Detect Voltage
4.0
V
Excitation current and resistor combinations generating a
voltage greater than this are treated as open-circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com