Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 4 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 4 Page - Analog Devices

  AD74115 Datasheet HTML 1Page - Analog Devices AD74115 Datasheet HTML 2Page - Analog Devices AD74115 Datasheet HTML 3Page - Analog Devices AD74115 Datasheet HTML 4Page - Analog Devices AD74115 Datasheet HTML 5Page - Analog Devices AD74115 Datasheet HTML 6Page - Analog Devices AD74115 Datasheet HTML 7Page - Analog Devices AD74115 Datasheet HTML 8Page - Analog Devices AD74115 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
Data Sheet
AD74115
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 103
Table 1. Voltage Output (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Noise (External Reference)
Measured at the I/OP screw terminal, 2.5 V output
Output Noise
0.17
LSB p-p
0.1 Hz to 10 Hz bandwidth, 100 kΩ load
Output Noise Spectral Density
0 V to 12 V Range
405
nV/√Hz
Measured at 1 kHz, midscale output
−12 V to +12 V Range
815
nV/√Hz
Measured at 1 kHz, midscale output
AC PSRR
65
dB
200 mV at 1 kHz sine wave superimposed on the AVDD supply
1 Guaranteed by design and characterization.
CURRENT OUTPUT (IOUT)
AVDD = +6 V to +28.8 V, AVSS = −2.5 V to −18 V, AGND = DGND = 0 V, REFIN = +2.5 V (ideal), DVCC = +2.7 V to +5.5 V, AVCC = +4.5 V to
+5.5 V, and all specifications are at TA = −40°C to +105°C, unless otherwise noted. RSENSE = 100 Ω (ideal), RLOAD = 250 Ω, and CLOAD = 4.7 nF
per the recommended configuration. Note that the headroom specification for AVDD must be considered when setting supply voltages.
Table 2. Current Output (IOUT)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
IOUT
Resolution
14
Bits
Output Range
0
25
mA
ACCURACY
TUE1
−0.2
+0.2
% FSR
TUE at 25°C1
−0.1
+0.1
% FSR
INL
−4
+4
LSB
From zero-scale to full-scale
DNL
−1
+1
LSB
Guaranteed monotonic
Offset Error
−15
+15
μA
Offset Error at 25°C
−8
+8
µA
Gain Error1
−0.2
+0.2
% FSR
Gain Error at 25°C1
−0.1
+0.1
% FSR
OUTPUT CHARACTERISTICS2
Headroom
3.3
V
Voltage difference required between AVDD and the I/OP screw
terminal to source 20 mA
Open Circuit Voltage
AVDD
V
Sinking Current Limit
3.7
mA
I_LIMIT bit = 0 (default)
1.2
mA
I_LIMIT bit = 1
Alert Activation Time
2
ms
Time in open or short circuit before alert is generated
Output Impedance
4
MΩ
DC PSRR
50
nA/V
PSRR measured with a change in AVDD
DYNAMIC PERFORMANCE2
Output Current Settling Time
90
µs
3.2 mA to 23 mA step up or down, time to settle within a window
of ±100 µA of final current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com