Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 3 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 3 Page - Analog Devices

  AD74115 Datasheet HTML 1Page - Analog Devices AD74115 Datasheet HTML 2Page - Analog Devices AD74115 Datasheet HTML 3Page - Analog Devices AD74115 Datasheet HTML 4Page - Analog Devices AD74115 Datasheet HTML 5Page - Analog Devices AD74115 Datasheet HTML 6Page - Analog Devices AD74115 Datasheet HTML 7Page - Analog Devices AD74115 Datasheet HTML 8Page - Analog Devices AD74115 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
Data Sheet
AD74115
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 103
VOLTAGE OUTPUT
AVDD = +6 V to +28.8 V, AVSS = −2.5 V to −18 V, AGND = DGND = 0 V, REFIN = +2.5 V (ideal), DVCC = +2.7 V to +5.5 V, AVCC = +4.5 V
to +5.5 V, and all specifications are at TA = −40°C to +105°C, unless otherwise noted. The sense resistor (RSENSE) = 100 Ω (ideal), the load
resistor (RLOAD) = 100 kΩ, and the load capacitor (CLOAD) = 4.7 nF per the recommended configuration. Note that the headroom specification
for AVDD and AVSS must be considered when setting supply voltages.
Table 1. Voltage Output
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE OUTPUT
Resolution
14
Bits
Output Range
0
12
V
−12
+12
V
ACCURACY
Total Unadjusted Error (TUE)
−0.2
+0.2
%FSR
TUE at 25°C
−0.1
+0.1
%FSR
Integral Nonlinearity (INL)
−3.0
+3.0
LSB
Differential Nonlinearity (DNL)
−1.0
+1.0
LSB
Guaranteed monotonic
Offset Error
−5.5
+5.5
mV
Error with Code 0x0000 loaded to the DAC, 0 V to 12 V range only
Offset Error at 25°C
−3.0
+3.0
mV
0 V to 12 V range only
Bipolar Zero Error
−13
+13
mV
Error with midscale code loaded to the DAC in a ±12 V range
Bipolar Zero Error at 25°C
−13
+13
mV
±12 V range only
Gain Error
−0.2
+0.2
%FSR
Gain Error 25°C
−0.12
+0.12
%FSR
OUTPUT CHARACTERISTICS
Load1
1
100
kΩ
Headroom1
2.2
V
Voltage difference required between AVDD and the input and output
positive (I/OP) screw terminal to provide 12 V across a 1 kΩ load
Footroom1
2.2
V
Voltage difference required between AVSS and the I/OP screw
terminal to provide −12 V across a 1 kΩ load
Short-Circuit Current
32
mA
Sourcing and sinking, I_LIMIT bit = 0 (default)
16
mA
Sourcing and sinking, I_LIMIT bit = 1
Short-Circuit Activation Time1
2
ms
Time in short circuit before alert is generated
Maximum Capacitive Load1
14
nF
Maximum system capacitance on the I/OP screw terminal, including
the recommended 4.7 nF CLOAD when the compensation capacitor
(CCOMP) is not connected
2
µF
Maximum system capacitance on the I/OP screw terminal, including
the recommended 4.7 nF CLOAD when a CCOMP = 220 pF is connected
DC Output Impedance1
0.1
Ω
DC Power Supply Rejection Ratio (PSRR)1
90
dB
PSRR measured with a change in AVDD
DYNAMIC PERFORMANCE1
Output Voltage (VOUT) Settling Time
85
µs
11 V step (0.5 V to 11.5 V or 11.5 V to 0.5 V) to ±0.05 % FSR, CLOAD =
4.7 nF, and no CCOMP is connected
110
µs
22 V step (−11 V to +11 V or +11 V to −11 V) to ±0.05 % FSR, CLOAD =
4.7 nF, and no CCOMP is connected
Output Voltage Settling Time with CCOMP
Connected
400
µs
11 V step (0.5 V to 11.5 V or 11.5 V to 0.5 V) to ±0.05 % FSR, CLOAD =
4.7 nF, and 220 pF CCOMP is connected
400
μs
22 V step (−11 V to +11 V or +11 V to −11 V) to ±0.05 % FSR, CLOAD =
4.7 nF, and 220 pF CCOMP is connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com