Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 7 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD74115 Datasheet HTML 3Page - Analog Devices AD74115 Datasheet HTML 4Page - Analog Devices AD74115 Datasheet HTML 5Page - Analog Devices AD74115 Datasheet HTML 6Page - Analog Devices AD74115 Datasheet HTML 7Page - Analog Devices AD74115 Datasheet HTML 8Page - Analog Devices AD74115 Datasheet HTML 9Page - Analog Devices AD74115 Datasheet HTML 10Page - Analog Devices AD74115 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
Data Sheet
AD74115
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 103
Table 5. Current Input Loop Powered (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY
TUE1
−0.1
+0.1
% FSR
TUE at 25°C1
−0.05
+0.05
% FSR
INL
−4
+4
LSB
Linearity specified from 0.1 mA to 25 mA range
Offset Error
−4
+4
LSB
Offset Error at 25°C
−1.5
+1.5
LSB
Gain Error1
−250
+250
ppm FSR
Gain Error at 25°C1
−150
+150
ppm FSR
OTHER INPUT SPECIFICATIONS
DC PSRR2
In order
of noise
Input Impedance
165
Ω
With current input, loop powered selected, includes 100 Ω RSENSE
Headroom2
3.8
V
Minimum required difference between AVDD and the I/OP screw terminal
voltage to source 25 mA, and current input, loop powered selected
1 RSENSE accuracy directly impacts the TUE and gain error.
2 Guaranteed by design and characterization.
RESISTANCE 2-WIRE MEASUREMENT
AVDD = +6 V to +28.8 V, AVSS = −2.5 V to −18 V, AGND = DGND = 0 V, REFIN = +2.5 V (ideal), DVCC = +2.7 V to +5.5 V, AVCC = +4.5
V to +5.5 V, and all specifications are at TA = −40°C to +105°C, unless otherwise noted. RSENSE = 100 Ω (ideal), and CLOAD = 4.7 nF per the
recommended configuration.
Table 6. Resistance 2-Wire Measurement
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RESISTANCE MEASUREMENT
Input Range
0
1
MΩ
2-wire RTD measurements supported
Bias Voltage
2.5
V
Pull-Up Resistor (RPULL-UP)
2.1
kΩ
RPULL-UP is composed of the external 2 kΩ resistor and the external 100 Ω
RSENSE
ACCURACY1
Refer to Figure 13
Measurement Range
1 Ω to 50 Ω
0.28
Ω
50 Ω to 3 kΩ
±0.07,
±0.28
%,
Ω
±% of the measured value plus ± fixed error
3 kΩ to 10 kΩ
±0.1
%
±% of the measured value
10 kΩ to 200 kΩ
±1.3
%
±% of the measured value
200 kΩ to 1 MΩ
±6.0
%
±% of the measured value
1 Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com