Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 42 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD74115 Datasheet HTML 38Page - Analog Devices AD74115 Datasheet HTML 39Page - Analog Devices AD74115 Datasheet HTML 40Page - Analog Devices AD74115 Datasheet HTML 41Page - Analog Devices AD74115 Datasheet HTML 42Page - Analog Devices AD74115 Datasheet HTML 43Page - Analog Devices AD74115 Datasheet HTML 44Page - Analog Devices AD74115 Datasheet HTML 45Page - Analog Devices AD74115 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 103 page
background image
Data Sheet
AD74115
THEORY OF OPERATION
analog.com
Rev. 0 | 42 of 103
Digital Input Threshold Setting
The digital input thresholds are set by an internal DAC. The refer-
ence to this DAC is driven by either the VAVDD or the reference
voltage, VREFIN. This reference is configured by writing to the
DIN_THRESH_MODE bit within the DIN_CONFIG2 register.
The specific threshold levels are programmed using the
COMP_THRESH bits in the DIN_CONFIG2 register. There are sev-
en bits available to configure the threshold, and the maximum
programmable code is Decimal 98.
The following equation shows the relationship between the pro-
grammed code in the COMP_THRESH bits and the corresponding
threshold voltage when the DAC reference is set to AVDD:
VTHRESH AVDD  =VAVDD × Code−4850
where:
VTHRESH (AVDD) is the comparator threshold expressed in volts.
VAVDD is the AVDD supply value in volts.
Code is the decimal code loaded to the COMP_THRESH bits.
The following equation shows the relationship between the pro-
grammed code in the COMP_THRESH bits and the corresponding
threshold voltage when the DAC reference is set to VREFIN.
VTHRESH (FIXED VOLTAGE) = VREFIN × (Code – 38)/5
where:
VTHRESH (FIXED VOLTAGE) is the comparator threshold expressed in
volts.
VREFIN is the reference voltage.
Code is the decimal code loaded to the COMP_THRESH bits.
Digital Input Current Sink
The AD74115 includes a programmable current sink. The current
sink is programmed via the DIN_RANGE bit and the DIN_SINK bits
within the DIN_CONFIG1 register. This current sink programmabili-
ty enables compatibility with Type I, Type II, and Type III of the IEC
61131-2.
Program the current sink and the threshold voltages to enable
compatibility with Type I and Type III of the IEC 61131-2.
For Type I and Type III, it is recommended to program the bits in
the DIN_CONFIG1 and DIN_CONFIG2 registers as follows:
►
DIN_RANGE bit: 0x0
►
DIN_SINK bits: 0x14
►
DIN_THRESH_MODE bit: 0x1
►
COMP_THRESH bits: 0x37
Programming these bits results in a typical current sink of 2.4 mA
and a rising voltage trip point of typically 8.5 V.
For Type II, it is recommended to program the DIN_CONFIG1 and
DIN_CONFIG2 registers as follows:
►
DIN_RANGE bit: 0x1
►
DIN_SINK bits: 0x1D
►
DIN_THRESH_MODE bit: 0x1
►
COMP_THRESH bits: 0x37
Programming these bits result in a typical current sink of 6.96 mA
and a rising voltage trip point of 8 V.
Open-Circuit and Short-Circuit Detection
The AD74115 has open-circuit and short-circuit detection capabili-
ties and can be configured to be compatible with IEC 61131-3D.
To use the open-circuit and short-circuit detection functions, enable
the current sink by using the DIN_RANGE bit. Set the current using
the DIN_SINK bits.
To enable the open-circuit diagnostic, use the DIN_OC_DET_EN
bit. An open circuit is detected if the input current is less than 0.35
mA.
To enable the short-circuit diagnostic, use the DIN_SC_DET_EN
bit. When the DIN_SC_DET_EN bit is set, an additional 4 mA of
current sink is enabled. A short-circuit fault is triggered if the 4 mA
sink limit is exceeded.
Once an open-circuit or short-circuit fault is triggered, the appropri-
ate bit is set in the ALERT_STATUS register, and the ALERT pin is
asserted.
For Type 3D diagnostics, it is recommended to program the
DIN_CONFIG1 and DIN_CONFIG2 registers bits as follows:
►
DIN_RANGE bit: 0x0
►
DIN_SINK bits: 0xF
►
DIN_OC_DET_EN bit: 0x1
►
DIN_SC_DET_EN bit: 0x1
►
DIN_THRESH_MODE bit: 0x1
►
COMP_THRESH bits: 0x37
Programming these bits results in a typical current sink of 1.8 mA
and a rising voltage trip point of typically 8.5 V. An open-circuit
detection is triggered when sinking currents are less than 220 µA. A
short-circuit detection is triggered when sinking currents are greater
than typically 6.2 mA.
Digital Input Inverter
The debounced comparator signal can pass directly to the
DIN_COMP_OUT register. Alternatively, the signal can be inverted
before being sent to the DIN_COMP_OUT register. To enable this
inverter, set the INV_DIN_COMP_OUT bit in the DIN_CONFIG1
register.
Digital Input Counter
A counter is available in the digital input modes, and the counter
allows the user to count the debounced digital input edges. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com