Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 11 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD74115 Datasheet HTML 7Page - Analog Devices AD74115 Datasheet HTML 8Page - Analog Devices AD74115 Datasheet HTML 9Page - Analog Devices AD74115 Datasheet HTML 10Page - Analog Devices AD74115 Datasheet HTML 11Page - Analog Devices AD74115 Datasheet HTML 12Page - Analog Devices AD74115 Datasheet HTML 13Page - Analog Devices AD74115 Datasheet HTML 14Page - Analog Devices AD74115 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
Data Sheet
AD74115
SPECIFICATIONS
analog.com
Rev. 0 | 11 of 103
DIGITAL OUTPUTS (SOURCING AND SINKING)
DO_VDD = +10 V to +35 V, AVDD = +6 V to +28.8 V, AVSS = −2.5 V to −18 V, AGND = DGND = 0 V, REFIN = +2.5 V (ideal), DVCC = +2.7
V to +5.5 V, AVCC = +4.5 V to +5.5 V, and all specifications are at TA = −40°C to +105°C, unless otherwise noted. CLOAD = 4.7 nF per the
recommended configuration.
Table 11. Digital Outputs (Sourcing and Sinking)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DO_VDD SUPPLY RANGE
10
24
35
V
EXTERNAL DIGITAL OUTPUT
Sourcing and sinking
Short Circuit
Short-Circuit Voltage, VSC1
160
240
mV
With a 0.15 Ω set resistor (RSET), the current clamps at 1.3 A
Short-Circuit Voltage, VSC2
80
120
mV
With a 0.15 Ω RSET, the current clamps at 667 mA
Short-Circuit Clamp Time1
1.2
µs
FET input capacitance (CISS) < 500 pF, and the time for the
short-circuit clamp to engage during a 0 Ω short-circuit
Time Out 1, T11
0.1
100
ms
Typical programmable times
Time Out 2, T21
0.1
ms
Typical programmable times
On and Off Times1
On Time, tON
20
µs
FET CISS < 500 pF, and the time from SYNC rising edge to settle
to 90%
Off Time, tOFF
3
µs
FET CISS < 500 pF, and the time from the SYNC rising edge to
FET disable
Gate Drive Voltage
Current Sourcing
−12
−10
−8
V
The DO_SRC_GATE voltage with respect to DO_VDD
Current Sinking
AVCC
V
The DO_SNK_GATE voltage
DO_SRC_DGATE Current Sink
1
mA
To AVSS, when DO_EXT_MODE is configured for the external
source with a smart diode
INTERNAL DIGITAL OUTPUT
On Resistance, RON
Sourcing Mode
7
Ω
Sinking Mode
3.5
Ω
Short-Circuit
Short-Circuit Current 1
220
350
mA
Short-Circuit Current 2
105
180
mA
Short-Circuit Clamp Time1
2
µs
Time for the short-circuit clamp to engage during a 0 Ω short
circuit
Time Out 1, T11
0.018
100
ms
Typical programmable times
Time Out 2, T21
0.018
ms
Typical programmable times
Thermal Shutdown1
Thermal shutdown for internal digital output
Disabled Temperature
140
°C
Reenabled Temperature
130
°C
On and Off Times1
On Time, tON
10
μs
Time from the SYNC rising edge to settle to 90%
Off Time, tOFF
2
μs
Time from the SYNC rising edge to FET disable
PUSH AND PULL MODE1
Push and pull timing for the external FET is dependent on the
CISS of the external FET
Output Data Rate
Internal FETs
50
kHz
External FETs
10
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com