Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 85 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD74115 Datasheet HTML 81Page - Analog Devices AD74115 Datasheet HTML 82Page - Analog Devices AD74115 Datasheet HTML 83Page - Analog Devices AD74115 Datasheet HTML 84Page - Analog Devices AD74115 Datasheet HTML 85Page - Analog Devices AD74115 Datasheet HTML 86Page - Analog Devices AD74115 Datasheet HTML 87Page - Analog Devices AD74115 Datasheet HTML 88Page - Analog Devices AD74115 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 103 page
background image
Data Sheet
AD74115
REGISTER MAP
analog.com
Rev. 0 | 85 of 103
Burnout Currents Configuration Register
Address: 0x0A, Reset: 0x0000, Name: I_BURNOUT_CONFIG
This register configures the burnout currents for the VIOUT, SENSE_EXT1, and SENSE_EXT2 pins.
VIOUT Burnout Enable.
SENSE_EXT2 Burnout Current.
VIOUT Burnout Polarity.
SENSE_EXT2 Burnout Polarity.
VIOUT Burnout Current.
SENSE_EXT2 Burnout Enable.
SENSE_EXT1 Burnout Enable.
SENSE_EXT1 Burnout Current.
SENSE_EXT1 Burnout Polarity.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15] RESERVED
[0] BRN_VIOUT_EN (R/W)
[14:12] BRN_SENEXT2_CURR (R/W)
[1] BRN_VIOUT_POL (R/W)
[11] BRN_SENEXT2_POL (R/W)
[4:2] BRN_VIOUT_CURR (R/W)
[10] BRN_SENEXT2_EN (R/W)
[5] BRN_SENEXT1_EN (R/W)
[9:7] BRN_SENEXT1_CURR (R/W)
[6] BRN_SENEXT1_POL (R/W)
Table 47. Bit Descriptions for I_BURNOUT_CONFIG
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R
[14:12]
BRN_SENEXT2_CURR
SENSE_EXT2 Burnout Current.
0x0
R/W
000: burnout current disabled.
001: 50 nA.
011: 500 nA.
100: 1 μA.
110: 10 μA.
Others: reserved
11
BRN_SENEXT2_POL
SENSE_EXT2 Burnout Polarity.
0x0
R/W
0: sinking current.
1: sourcing current.
10
BRN_SENEXT2_EN
SENSE_EXT2 Burnout Enable.
0x0
R/W
[9:7]
BRN_SENEXT1_CURR
SENSE_EXT1 Burnout Current.
0x0
R/W
000: burnout current disabled.
001: 50 nA.
011: 500 nA.
100: 1 μA.
110: 10 μA.
Others: reserved
6
BRN_SENEXT1_POL
SENSE_EXT1 Burnout Polarity.
0x0
R/W
0: sinking current.
1: sourcing current.
5
BRN_SENEXT1_EN
SENSE_EXT1 Burnout Enable.
0x0
R/W
[4:2]
BRN_VIOUT_CURR
VIOUT Burnout Current.
0x0
R/W
000: burnout current disabled.
100: 1 μA.
110: 10 μA.
Others: reserved.
1
BRN_VIOUT_POL
VIOUT Burnout Polarity.
0x0
R/W
0: sinking current.
1: sourcing current.
0
BRN_VIOUT_EN
VIOUT Burnout Enable.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com