Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 20 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD74115 Datasheet HTML 16Page - Analog Devices AD74115 Datasheet HTML 17Page - Analog Devices AD74115 Datasheet HTML 18Page - Analog Devices AD74115 Datasheet HTML 19Page - Analog Devices AD74115 Datasheet HTML 20Page - Analog Devices AD74115 Datasheet HTML 21Page - Analog Devices AD74115 Datasheet HTML 22Page - Analog Devices AD74115 Datasheet HTML 23Page - Analog Devices AD74115 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 103 page
background image
Data Sheet
AD74115
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 20 of 103
Figure 4. Pin Configuration
Table 19. Pin Function Description
Pin No.
Mnemonic
Description
1
AGND
Analog Ground.
2
REFOUT1
Internal 2.5 V Reference Output. The REFOUT pin must be connected to the REFIN pin to use the internal reference.
3
REFIN
2.5 V Reference Input.
4, 5, 36
RESERVED
Do Not Connect (DNC).
6
PPC_CTRL
Single-Wire Interface Pin to Communicate with the ADP1034. The supply voltage rails from the ADP1034 are configured
by SPI writes to the AD74115 and passed to the ADP1034 through this interface.
7
ADC_RDY
Active Low, Open-Drain Output. This pin asserts when a new sequence of ADC conversion results is ready to be read.
Connect this pin to a pull-up resistor to the DVCC pin.
8
RESET
Hardware Reset Pin. Active low input. This pin resets the AD74115 to the power-on state.
9
ALERT
Active Low, Open-Drain Output. This pin asserts low when an alert condition occurs. Read the ALERT_STATUS register
when this pin is asserted. Connect this pin to the DVCC pin via a pull-up resistor.
10
SCLK
Serial Interface Clock.
11
SDI
Serial Interface Data In.
12
SDO
Serial Interface Data Out.
13
SYNC
Serial Interface Frame Synchronization Pin. Active low input.
14
DVCC1
Digital Supply. Decouple this pin with the recommended capacitor listed in Table 35.
15
CPUMP_P
Charge Pump Fly Capacitor Terminal. If using the internal charge pump for unipolar operation, connect the
recommended fly capacitor between the CPUMP_P pin and the CPUMP_N pin. Pins can be left disconnected if in
bipolar mode.
16
DGND
Digital Ground.
17
CPUMP_N
Charge Pump Fly Capacitor Terminal. If using the internal charge pump for unipolar operation, connect the
recommended fly capacitor between the CPUMP_P pin and the CPUMP_N pin. Leave these pins disconnected when in
bipolar mode.
18
CP_OUT
Charge Pump Output Voltage (Equal to Negative DVCC). When using the charge pump to generate the negative supply,
connect the AVSS pin to the CP_OUT pin.
19
DLDO1V81
1.8 V Digital Low Dropout (LDO) Regulator Output. Decouple this pin with the recommended capacitor shown in Table
35. Do not use this pin externally.
20
GPIO_A
General-Purpose Input and Output Pin A. This pin can monitor the digital input comparator result.
21
GPIO_B
General-Purpose Input and Output Pin B. This pin can control the external digital output circuit.
22
GPIO_C
General-Purpose Input and Output Pin C. This pin can control the internal digital output circuit.
23
GPIO_D
General-Purpose Input and Output Pin D.
24
AGND_SENSE
Analog Ground Sense. Tie this pin to the I/ON screw terminal.
25
AVDD1
Positive Analog Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com