Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 9 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD74115 Datasheet HTML 5Page - Analog Devices AD74115 Datasheet HTML 6Page - Analog Devices AD74115 Datasheet HTML 7Page - Analog Devices AD74115 Datasheet HTML 8Page - Analog Devices AD74115 Datasheet HTML 9Page - Analog Devices AD74115 Datasheet HTML 10Page - Analog Devices AD74115 Datasheet HTML 11Page - Analog Devices AD74115 Datasheet HTML 12Page - Analog Devices AD74115 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
Data Sheet
AD74115
SPECIFICATIONS
analog.com
Rev. 0 | 9 of 103
Table 8. 4-Wire RTD Measurement (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY1
Measurement Range
1 Ω to 40 Ω
±0.036,
±0.006
%,
Ω
±% of the measured value plus ± the fixed error, suitable for
Pt10, Cu10, or similar, and 1 mA excitation current, and 104.16
mV ADC range
10 Ω to 400 Ω
±0.037,
±0.018
%,
Ω
±% of the measured value, suitable for Pt100 or similar, and 1
mA excitation current, and 0.625 V ADC range
100 Ω to 4 kΩ
±0.084,
±0.344
%,
Ω
±% of the measured value, suitable for Pt1000, 500 μA
excitation current, and 0 V to 12 V ADC range
1 Guaranteed by design and characterization.
DIGITAL INPUT LOGIC
AVDD = +6 V to +28.8 V, AVSS = −2.5 V to −18 V, AGND = DGND = 0 V, REFIN = +2.5 V (ideal), DVCC = +2.7 V to +5.5 V, AVCC = +4.5
V to +5.5 V, and all specifications are at TA = −40°C to +105°C, unless otherwise noted. RSENSE = 100 Ω (ideal) and CLOAD = 4.7 nF per the
recommended configuration.
Table 9. Digital Input Logic
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS
Unbuffered Input Data Rate
200
kHz
The VIOUT pin is driven by a low impedance source, 0 V to 12 V
signal, duty cycle: 60:40
Buffered Input Data Rate
20
kHz
The SENSEL pin is driven by a low impedance source, 0 V to 12 V
signal, duty cycle: 60:40
Input Voltage Range1
−45
+45
V
Input Resistance
1.3
MΩ
High speed mode
Open-Circuit Detect Current
0.05
0.35
mA
Window for open-circuit detection for compliance with IEC 61131-2
Type 3D
Short-Circuit Detect Current
6
mA
For IEC 61131-2 Type 3D
CURRENT SINK
Range 0
Series Resistor Value
2.7
kΩ
Current Sink Range
0
3.7
mA
Typical programmable current sink to AGND
Current Sink Resolution
120
µA
Current Sink Accuracy
±2
% FSR
Current Sink at Decimal Code 20
2.1
2.4
mA
Recommended for IEC 61131-2 Type I and Type III for the I/OP
screw terminal > 6 V, DIN_SINK = Decimal Code 20
Current Sink at Decimal 15
1.8
mA
Recommended for IEC 61131-2 Type 3D, DIN_SINK bits =
Decimal Code 15
Range 1
Series Resistor Value
1
kΩ
Current Sink Range
0
7.4
mA
Typical programmable current sink to AGND
Current Sink Resolution
240
µA
Current Sink Accuracy
±2
% FSR
Current Sink at Decimal Code 29
6.1
7.0
mA
Recommended for IEC 61131-2 Type II for the I/OP screw terminal
> 7 V, DIN_SINK bits = Decimal Code 29
VOLTAGE THRESHOLDS MODES
Threshold Range
AVSS + 2.0
AVDD – 1.5
V
Programmable trip level
AVDD Threshold Mode
Threshold Resolution
AVDD/50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com