Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 69 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD74115 Datasheet HTML 65Page - Analog Devices AD74115 Datasheet HTML 66Page - Analog Devices AD74115 Datasheet HTML 67Page - Analog Devices AD74115 Datasheet HTML 68Page - Analog Devices AD74115 Datasheet HTML 69Page - Analog Devices AD74115 Datasheet HTML 70Page - Analog Devices AD74115 Datasheet HTML 71Page - Analog Devices AD74115 Datasheet HTML 72Page - Analog Devices AD74115 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
Data Sheet
AD74115
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 69 of 103
POWER AND ISOLATION
The AD74115 is designed to operate with a companion power and
isolation chip. The ADP1034 provides programmable power control
(PPC) to the analog supply (AVDD) so that VAVDD can be software
controlled. The ADP1034 also provides fixed power supply voltages
to the following AD74115 supply pins: AVSS, AVCC, and DVCC.
The ADP1034 is controlled by the AD74115 via the PPC_CTRL pin
using an OWSI. The host controller issues commands to adjust the
AVDD supply voltage to the PPC_TX register. In turn, the AD74115
passes the required VAVDD changes to the ADP1034 using the
OWSI. Once the ADP1034 receives a command to modify VAVDD, it
updates the VAVDD accordingly.
Choose the PPC_TX register code based on the following equation:
PPC_CODE=252× VÀVDD
VAVDD_MAX
−1
where:
PPC_CODE is the code that must be programmed to the PPC_TX
register for the desired VAVDD value.
VAVDD is the desired AVDD supply voltage.
VAVDD_MAXis the maximum voltage that can be generated by
the ADP1034 with the selected feedback resistors. Refer to the
ADP1034 data sheet for more information.
The AVDD supply from the ADP1034 can be dynamically changed
as the load requirement and selected use case changes. Any
changes must be done in a coordinated manner. If the voltage on
the I/OP screw terminal is expected to increase due to a change
in conditions, VAVDD must be adjusted first. If the voltage on the
I/OP screw terminal is expected to decrease due to the change
in conditions, VAVDD must be adjusted after the change in load,
current, or selected use case.
The diagnostics function can confirm that the voltage is set on
the AVDD pin. Select AVDD in one of the available diagnostics in
the DIAG_ASSIGN register. Enable an ADC conversion using the
ADC_CONFIG register and read the diagnostics result using the
relevant ADC_DIAG_RESULTx register.
The ADP1034 provides digital isolation to the AD74115 SPI pins
(SCLK, SYNC, SDO, and SDI). Isolation is available for two other
digital output pins and one digital input pin. The block diagram in
Figure 58 shows that the RESET, ADC_RDY, and ALERT pins are
isolated using the ADP1034.
Refer to the ADP1034 data sheet for more information.
One-Wire Serial Interface
Programmable power control is implemented via an OWSI between
the AD74115 and the ADP1034.
The AD74115 acts as the OWSI main, using the PPC_CTRL pin.
An OWSI transaction requires a number of elements, as shown
in Figure 57. OWSI timing specifications are listed in Table 15.
The OWSI frame is broken into bit periods as start event, data
bits, acknowledge (ACK) bit, and parity. Each timing specification is
defined from the start of that bit period.
A start sequence is defined by two successive rising edge pulses.
Once the start command is transmitted, 16 data bits follow to make
up the address, data, and CRC bits. Finally, an acknowledge se-
quence is required from the OWSI subordinate. The acknowledge is
comprised of two bits: an ACK bit and a parity bit.
The AD74115 pulls the OWSI bus high at the start of the ACK and
parity bit periods. The OWSI bus is sampled by the AD74115 for a
fixed time during the ACK and parity bits during which the OWSI
subordinate can drive the bus low. Refer to Figure 3 for a detailed
view of the OWSI timing and to Table 15 for the appropriate timing
specifications.
During a successful transaction, the OWSI subordinate remains
high during the ACK bit and drives the bus low during the parity bit.
If the transaction is not successful, the OWSI subordinate drives the
bus low during the ACK bit and remains high during the parity bit.
Figure 57. OWSI Write with Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com