Electronic Components Datasheet Search
  English  ▼

X  

AD74115 Datasheet(PDF) 84 Page - Analog Devices

Part # AD74115
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115 Datasheet(HTML) 84 Page - Analog Devices

Back Button AD74115 Datasheet HTML 80Page - Analog Devices AD74115 Datasheet HTML 81Page - Analog Devices AD74115 Datasheet HTML 82Page - Analog Devices AD74115 Datasheet HTML 83Page - Analog Devices AD74115 Datasheet HTML 84Page - Analog Devices AD74115 Datasheet HTML 85Page - Analog Devices AD74115 Datasheet HTML 86Page - Analog Devices AD74115 Datasheet HTML 87Page - Analog Devices AD74115 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 103 page
background image
Data Sheet
AD74115
REGISTER MAP
analog.com
Rev. 0 | 84 of 103
Table 46. Bit Descriptions for DO_EXT_CONFIG (Continued)
Bits
Bit Name
Description
Reset
Access
[8:4]
DO_EXT_T1
External Digital Output Short-Circuit T1. Set these bits to program the T1 short-circuit duration. Setting this
register to 0 results in the timer being disabled and immediate activation of the T2 timer when a short circuit is
detected. Note T1 is not available in push-pull mode of operation.
0x0
R/W
00: T1 bypass.
01: T1 100.812 μs.
02: T1 100.812 μs.
03: T1 100.812 μs.
04: T1 100.812 μs.
05: T1 100.812 μs.
06: T1 100.812 μs.
07: T1 100.812 μs.
08: T1 130.08 μs.
09: T1 180.486 μs.
10: T1 240.648 μs.
11: T1 320.322 μs.
12: T1 420.321 μs.
13: T1 560.157 μs.
14: T1 750.399 μs.
15: T1 1.000803 ms.
16: T1 1.3008 ms.
17: T1 1.800795 ms.
18: T1 2.400789 ms.
19: T1 3.200781 ms.
20: T1 4.200771 ms.
21: T1 5.600757 ms.
22: T1 7.500738 ms.
23: T1 10.000713 ms.
24: T1 13.000683 ms.
25: T1 18.000633 ms.
26: T1 24.000573 ms.
27: T1 32.000493 ms.
28: T1 42.000393 ms.
29: T1 56.000253 ms.
30: T1 75.000063 ms.
31: T1 100.000626 ms.
3
DO_EXT_SRC_SEL
Select Data Driver for FET.
0x0
R/W
1: the GPIO_x pin is configured to drive the FET. Note that when this bit is set, configure the GPIO_CONFIG1
register as an input to the digital output circuit.
0: direct software control of the FET. When under software control, the FET is controlled via DO_DATA_EXT.
[2:0]
DO_EXT_MODE
External Digital Output Mode Select. Note that, if the DO_EXT_TIMEOUT bit in the ALERT_STATUS register
is set, the digital output function disables. The DO_EXT_MODE automatically configures to select digital
output external disable mode. When switching between digital output modes, ensure that the digital output
external disable mode is the intermediate step.
0x0
R/W
000: digital output external disable.
001: external source.
010: external sink.
011: external push-pull. DO_EXT_SRC_SEL determines the data source. A 0 from the data source enables
the FET sinking, and a 1 from the data source enables the FET sourcing.
100: external source with smart diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com