Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 6Page - ASIX Electronics Corporation AX88780 Datasheet HTML 7Page - ASIX Electronics Corporation AX88780 Datasheet HTML 8Page - ASIX Electronics Corporation AX88780 Datasheet HTML 9Page - ASIX Electronics Corporation AX88780 Datasheet HTML 10Page - ASIX Electronics Corporation AX88780 Datasheet HTML 11Page - ASIX Electronics Corporation AX88780 Datasheet HTML 12Page - ASIX Electronics Corporation AX88780 Datasheet HTML 13Page - ASIX Electronics Corporation AX88780 Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
AX88780
2.4 Regulator Interface
Table 3 : Regulator signals group
Pin Name Type
Pin No.
Pin Description
VCC33R
VCC3R
37
3.3V power to internal regulator
GNDR
GNDR
36
Ground pin for internal regulator
REG_EN
I3
39
High to enable internal regulator. Low to disable internal regulator.
V25OUT
O2
38
2.5V output from internal regulator, max 250mA, when REG_EN pin is high.
2.5 10/100M PHY Interface
Table 4 : 10/100M Twisted-pair signals group
Pin Name
Type
Pin No.
Pin Description
RXIN
I
83
Differential received input signal for both 10BASE-T and 100BSE-TX modes.
RXIP
I
84
Differential received input signal for both 10BASE-T and 100BSE-TX modes.
TXON
O
93
Differential transmitted output signal for both 10BASE-T and 100BASE-TX modes.
TXOP
O
94
Differential transmitted output signal for both 10BASE-T and 100BASE-TX modes
2.6 MII Interface (optional)
Table 5 : MII Interface signals group
Pin Name
Type
Pin No.
Pin Description
TXEN
O2, 12mA
66
Transmit Enable:
TXEN is transition synchronously with respect to the rising edge of TXCLK. TXEN
indicates that the port is presenting nibbles on TXD [3:0] for transmission.
TXD[3:0]
O2, 12mA
61,62,
63,65
Transmit Data:
TXD[3:0] is transition synchronously with respect to the rising edge of TXCLK.
TXCLK
I2
69
Transmit Clock:
TXCLK is a continuous clock from PHY. It provides the timing reference for the
transfer of the TXEN and TXD[3:0] signals from the MII port of PHY.
RXCLK
I2
71
Receive Clock:
RXCLK is a continuous clock that provides the timing reference for the transfer of the
RXDV, RXD[3:0].
RXD[3:0]
I2
74,75,
76,77
Receive Data:
RXD[3:0] is driven by the PHY synchronously with respect to RXCLK.
RXDV
I2
70
Receive Data Valid:
RXDV is driven by the PHY synchronously with respect to RXCLK. Asserted high
when valid data is present on RXD [3:0].
COL
I2
80
Collision signal:
This signal is driven by PHY when collision is detected.
CRS
I2
79
Carrier Sense:
Asynchronous signal CRS is asserted by the PHY when either the transmit or receive
medium is non-idle.
MDIO
IO3,
8mA,PU
59
Station Management Data Input /Output:
Serial data input/Output transfers from/to the PHY. The transfer protocol conforms to
the IEEE 802.3u MII specification.
MDC
O3, 8mA
58
Station Management Data Clock:
The timing reference for MDIO. All data transfers on MDIO are synchronized to the
rising edge of this clock.
PHYINTN I2
46
An interrupt signal from PHY, active low.
10
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com