Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 25Page - ASIX Electronics Corporation AX88780 Datasheet HTML 26Page - ASIX Electronics Corporation AX88780 Datasheet HTML 27Page - ASIX Electronics Corporation AX88780 Datasheet HTML 28Page - ASIX Electronics Corporation AX88780 Datasheet HTML 29Page - ASIX Electronics Corporation AX88780 Datasheet HTML 30Page - ASIX Electronics Corporation AX88780 Datasheet HTML 31Page - ASIX Electronics Corporation AX88780 Datasheet HTML 32Page - ASIX Electronics Corporation AX88780 Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
AX88780
4.33 TXST--TX Status Register
Offset Address = FC94h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:4
-
R
All 0’s
Reserved
3
TXD3FAIL R
0
TX Descriptor3 Transmit Fail
When this bit is set 1, it means MAC fails in transmission of descriptor3.
This bit will be self-cleared when driver reads TXST register.
2
TXD2FAIL R
0
TX Descriptor2 Transmit Fail
When this bit is set 1, it means MAC fails in transmission of descriptor2.
This bit will be self-cleared when driver reads TXST register.
1
TXD1FAIL R
0
TX Descriptor1 Transmit Fail
When this bit is set 1, it means MAC fails in transmission of descriptor1.
This bit will be self-cleared when driver reads TXST register.
0
TXD0FAIL R
0
TX Descriptor0 Transmit Fail
When this bit is set 1, it means MAC fails in transmission of descriptor0.
This bit will be self-cleared when driver reads TXST register.
4.34 MDCLKPAT--MDC Clock Pattern Register
Offset Address = FCA0h
Default = 32’h0000_8040
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:8
-
R/W
8’h80
Reserved, must set to 8’h80 for normal operation
7:0
MDCPAT R/W
8’h40
MDC Clock Divide Factor
This field defines the divide factor of host clock. AX88780 will refer to this
field and generate a low speed clock to PHY.
4.35 RXCHKSUMCNT--RX IP/UDP/TCP Checksum Error Counter
Offset Address = FCA4h
Default = 32’h0000_0000
Field Name
Type
Default
Description
31:16
-
R
All 0’s Reserved
15:0
RXCHKERCNT R/W
All 0’s RX Checksum Error Counter
If the RXCHKSUM field of RX_CFG register is set to ‘1’, MAC will check
the checksum of IP, TCP or UDP packet. Whenever there is checksum error
detected, this field will be added one.
4.36 RXCRCNT--RX CRC Error Counter
Offset Address = FCA8h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
RXCRCCNT R/W
All 0’s
RX CRC32 Error Counter
MAC checks the received packet. If there is a CRC error detect, this field
will be added one.
29
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com