Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 14Page - ASIX Electronics Corporation AX88780 Datasheet HTML 15Page - ASIX Electronics Corporation AX88780 Datasheet HTML 16Page - ASIX Electronics Corporation AX88780 Datasheet HTML 17Page - ASIX Electronics Corporation AX88780 Datasheet HTML 18Page - ASIX Electronics Corporation AX88780 Datasheet HTML 19Page - ASIX Electronics Corporation AX88780 Datasheet HTML 20Page - ASIX Electronics Corporation AX88780 Datasheet HTML 21Page - ASIX Electronics Corporation AX88780 Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
AX88780
3
PTIM
R/W
0
Packet Transmitted Interrupt Mask
When this bit is enabled, a transmitted interrupt request set in bit 3 of Interrupt
Status Register will make AX88780 issue an interrupt to host.
1 = enable
0 = disable
2
-
R/W
0
Reserved
1
DOGIM
R/W
0
Watch Dog Timer Interrupt Mask
When this bit is enabled, a watch dog timer expired interrupt request set in
bit1 of Interrupt Status Register will make AX88780 to issue an interrupt to
host
1 = enable
0 = disable
0
RXFULIM
R/W
0
Rx Buffer Full Interrupt Mask
When this bit is enabled, a RX buffer full interrupt request set in bit 0 of
Interrupt Status Register will make AX88780 to issue an interrupt to host.
1 = enable
0 = disable
4.3 ISR--Interrupt Status Register
Offset Address = FC08h
Default = 32’h0000_0000
Field Name
Type
Default
Description
31:6
-
R
All 0’s
Reserved
5
PHYIG
R/W
0
PHY Interrupt Generation
If this bit is set to ‘1’ it means there is an interrupt request from PHY. MAC will
forward this interrupt to system. Meantime driver should poll PHY and adopt
proper procedure. Write ‘1’ to this bit to clear this request status.
1 = have interrupt request
0 = no interrupt request
4
RPIG
R/W
0
Receive Packet Interrupt Generation
If this bit is set to ‘1’ it means MAC receives a packet or (packets) from cable.
The packet is kept in RX buffer. Write ‘1’ to this bit to clear this request status.
1 = have received packet
0 = no received packet
3
FTPI
R/W
0
Finish Transmitting Packet Interrupt
If this bit is set to ‘1’ it means MAC had transmitted packet to cable. Write ‘1’ to
this bit to clear this request status.
1 = finish transmitting
0 = none
2
-
R/W
0
Reserved
1
WDTEI
R/W
0
Watch Dog Timer Expired Interrupt
If this bit is set to ‘1’ it means the WATCH DOG timer is expired. AX88780 will
issue an interrupt to host. Write ‘1’ to this bit to clear this request status. The
expired duration can refer to DOGTHD0 and DOGTHD1 registers.
1 = timer expired happens
0 = none
0
RXFULI R/W
0
RX Buffer Full Interrupt
If this bit is set to ‘1’ it means RX buffer is full and no more packets will be
received until packets are read out. Write ‘1’ to this bit to clear this request status.
1 = RX buffer full
0 = None
18
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com