Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 29Page - ASIX Electronics Corporation AX88780 Datasheet HTML 30Page - ASIX Electronics Corporation AX88780 Datasheet HTML 31Page - ASIX Electronics Corporation AX88780 Datasheet HTML 32Page - ASIX Electronics Corporation AX88780 Datasheet HTML 33Page - ASIX Electronics Corporation AX88780 Datasheet HTML 34Page - ASIX Electronics Corporation AX88780 Datasheet HTML 35Page - ASIX Electronics Corporation AX88780 Datasheet HTML 36Page - ASIX Electronics Corporation AX88780 Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
AX88780
5.0 PHY Register
AX88780 is built a high performance 10/100M PHY for cost-effective. Driver can access these registers of PHY by
in-directed mechanism. For write operation, software firstly sets data to MDIODP register, then sets index and write enable
bit to MDIOCTRL register. AX88780 will access PHY by internal interface and clear the write enable bit whenever the
operation finished. For read operation, driver sets the index and read enable bit to MDIOCTRL register, then polls the
read-enable bit. The returned data will be put in MDIODP register whenever the read-enable bit is cleared.
Table 9 : PHY Register Mapping
Index
Name
Description
00h
BMCR
Basic Mode Control Register
01h
BMSR
Basic Mode Status Register
02h
PHYIDR0
PHY Identifier 0 Register
03h
PHYIDR1
PHY Identifier 1 Register
04h
ANAR
Auto-negotiation Advertisement Register
05h
ANLPAR
Auto-negotiation Link Partner Ability Register
06h
ANER
Auto-negotiation Expansion Register
The following abbreviations apply to below sections for detained register description.
Access type
R = read only
RW= read/write
Attribute:
LL = latch low
LH = latch high
SC = Self-clearing
PS = Value is permanently set
X = don’t care
5.1 BMCR--Basic Mode Control Register
Index = 00h
Field
Name
Type
Default
Description
15
PHYRST
R/W
0, SC
Soft reset:
1 = software reset PHY, this bit will be cleared when reset finish.
0 = normal operation
14
LOOPBACK
R/W
0
Loop back operation:
1 = Loop back enable
0 = Loop back disable
13
SPDSEL
R/W
1
Speed selection:
1 = 100Mb/s
0 = 10Mb/s
12
AUTONEG_EN RW
1
Auto-negotiation enable:
1 = enable, bit8 and bit13 will be ignored when this bit is enabled.
0 = disable, bit8 and bit13 of this register determine the link speed and
mode.
11
PHYPWDN
R/W
0
Power down:
1 = power-down enable
0 = normal operation
10
-
R
0
Reserved
9
AUTONEG_RS R/W
0
Auto-negotiation restart:
1=Restart auto-negotiation, this bit will be cleared when finish
33
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com