Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 18Page - ASIX Electronics Corporation AX88780 Datasheet HTML 19Page - ASIX Electronics Corporation AX88780 Datasheet HTML 20Page - ASIX Electronics Corporation AX88780 Datasheet HTML 21Page - ASIX Electronics Corporation AX88780 Datasheet HTML 22Page - ASIX Electronics Corporation AX88780 Datasheet HTML 23Page - ASIX Electronics Corporation AX88780 Datasheet HTML 24Page - ASIX Electronics Corporation AX88780 Datasheet HTML 25Page - ASIX Electronics Corporation AX88780 Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
AX88780
transmitted.
4.11 TXDES3--TX Descriptor3 Register
Address = FC2Ch
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
TXD3_EN
R/W
0
Transmit TX descriptor3
If this bit is enabled, MAC will begin to transmit data that are stored in TX
buffer. In former, data had been written to TX descriptor3. This bit will be
cleared by hardware when MAC finished the transmission.
1= enable
0= disable
14:13
-
R
2’b00
Reserved
12:0
TXD3_LEN
R/W
All 0’s
TX Packet Length (unit: byte)
Driver set this field to indicate AX88780 how many bytes will be
transmitted.
4.12 RX_CFG--RX Configuration Register
Offset Address = FC30h
Default = 32’h0000_0100
Field
Name
Type
Default
Description
31:9
-
R
All 0’s
Reserved
8
RXFLOW
R/W
1
RX Flow Control
To enable RX flow control, driver MUST set this bit and bit5 of
MAC_CFG1.
1 = enable
0 = disable
7:5
-
R/W
3’b000
Reserved.
4
RXCHKSUM
R/W
0
RX Packet TCP/IP Checksum
When this bit is set, AX88780 will check the checksum of the received
packet that is IP, TCP or UDP packet. If there is checksum error, AX88780
will drop the packet and RXCHKSUMCNT counter will add 1.
1 = enable
0 = disable
3:1
-
R/W
3’b000
Reserved
0
RXBUFPRO
R/W
0
RX Buffer Protection
When this bit is enabled, MAC will protect the RX buffer to avoid overrun.
For normal operation, this bit should be enabled in initial stage.
1= enable
0= disable
4.13 RXCURT--RX Current Pointer Register
Offset Address = FC34h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXCURPTR
R/W
All 0’s
RX Line Current Pointer.
Point to the last line that will be written by hardware. The unit of line is 16
bytes. MAC will maintain this register.
22
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com