Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 16Page - ASIX Electronics Corporation AX88780 Datasheet HTML 17Page - ASIX Electronics Corporation AX88780 Datasheet HTML 18Page - ASIX Electronics Corporation AX88780 Datasheet HTML 19Page - ASIX Electronics Corporation AX88780 Datasheet HTML 20Page - ASIX Electronics Corporation AX88780 Datasheet HTML 21Page - ASIX Electronics Corporation AX88780 Datasheet HTML 22Page - ASIX Electronics Corporation AX88780 Datasheet HTML 23Page - ASIX Electronics Corporation AX88780 Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
AX88780
01: Descriptor 1 in transmitting
10: Descriptor 2 in transmitting
11: Descriptor 3 in transmitting
3
TXD3O
R/W
0
TX Descriptor3 Occupied
Driver set this bit to ‘1’ to indicate that it had used TX descriptor3. When the
transmission is finished, AX88780 will auto-clear this bit.
2
TXD2O
R/W
0
TX Descriptor2 Occupied
Driver set this bit to ‘1’ to indicate that it had used TX descriptor2. When the
transmission is finished, AX88780 will auto-clear this bit.
1
TXD1O
R/W
0
TX Descriptor1 Occupied
Driver set this bit to ‘1’ to indicate that it had used TX descriptor1. When the
transmission is finished, AX88780 will auto-clear this bit.
0
TXD0O
R/W
0
TX Descriptor0 Occupied
Driver set this bit to ‘1’ to indicate that it had used TX descriptor0. When the
transmission is finished, AX88780 will auto-clear this bit.
4.7 PHY_CTRL-- Internal PHY Control Register
Offset Address = FC1Ch
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:13
-
R
All 0’s
Reserved
12
SPD_GPIO1
R/W
0
Speed LED or GPIO1
When this bit is enabled, pin54 is as speed indicator, otherwise it is as
GPIO1 function and controlled by GPIO_CTRL register.
1= enable
0= disable
11
LNK_GPIO0
R/W
0
Link LED or GPIO0
When this bit is enabled, pin55 is as link/traffic indicator, otherwise it is
as GPIO0 function and controlled by GPIO_CTRL register.
1 = enable
0 = disable
10
FUL_EECS
R/W
0
EECS Pin as Full-Duplex LED
When this bit is enabled, EECS pin will be as full-duplex indicator and
EEDI pin will be as collision indicator.
1 = enable
0 = disable
9
PWDN
R/W
0
Power down PHY
When this bit is enabled, AX88780 will power down internal PHY.
1 = enable
0 = disable
8
PHY_EN
R/W
0
PHY Selection
When this bit is enabled, AX88780 will select internal PHY, otherwise it
will select external PHY.
1 = enable
0 = disable
7
-
R
0
Reserved
6:4
PHYOPMODE
R/W
3’b000
Internal 10/100M PHY operation mode
Driver can set these bits to control internal PHY operation mode.
3’b000 = auto-negotiation enable with all capability
3’b001 = auto-negotiation with 100BASE-TX FDX/HDX ability
3’b010 = auto-negotiation with 10BASE-T FDX/HDX ability
3’b011 = Reserved
3’b100 = Manual selection of 100BASE-TX FDX
3’b101 = Manual selection of 100BASE-TX HDX
3’b110 = Manual selection of 10BASE-T FDX
3’b111 = Manual selection of 10BASE-T HDX
20
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com