Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 10Page - ASIX Electronics Corporation AX88780 Datasheet HTML 11Page - ASIX Electronics Corporation AX88780 Datasheet HTML 12Page - ASIX Electronics Corporation AX88780 Datasheet HTML 13Page - ASIX Electronics Corporation AX88780 Datasheet HTML 14Page - ASIX Electronics Corporation AX88780 Datasheet HTML 15Page - ASIX Electronics Corporation AX88780 Datasheet HTML 16Page - ASIX Electronics Corporation AX88780 Datasheet HTML 17Page - ASIX Electronics Corporation AX88780 Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
AX88780
3.10 16-bit Mode
AX88780 supports 16-bit mode operation. AX88780 will request a 16K bytes space for TX, RX and register access. The
mapping mechanism can refer to below block. Firstly, the driver requests a 16K bytes space from system then sets the new
mapped address to base + 6 to remap window base. Secondly, driver sets base address to ‘1’ to start decoding.
MEMBASE--Memory base Address
Field
Name
Type
Default
Description
15:1
-
R/W
All 0’s
Reserved.
0
DECODE_EN
R/W
0
16-bit decode enable
Set to ‘1’ to start decoding.
MEMBAS6--Memory base Address + 6
Field
Name
Type
Default
Description
15:8
-
R/W
8’h00
Reserved.
7:0
WINSIZE R/W
8’h00
Window Base Pointer. (MSB only)
This field defines another new windows base address for TX, RX and register
access. The total size is 8K bytes.
TX areas occupy 4K – 256 bytes
Registers occupy 256 bytes.
RX areas occupy 4K bytes.
Note: This address defines the window used in TX, RX and registers accessed in 16-bit mode. Refer to below mapping
mechanism.
Ba s e a d d r e s s
B a se a d d r e s s + 6
XX
Ne w b a s e Ad d r e s s = 1 6 ’ h XX0 0
TX a r e a
3 840 b y t e s
R e gi s t er a r ea
25 6 b y t e s
Rx a r e a
4 096 b y t e s
4K b y t e s
4K b y t e s
8K b y t e s
16 K b y t e s
15
0
Figure 5 : 16-bit mode map block
Next example is to explain the address translation. If the starting address 24’h20_0000 is allocated to hardware then
driver sets 16’h1000 to address 24’h20_0006. The new base address will be 24’h20_1000 now. The TX areas will be
from 24’20_1000 to 24’h20_1EFF. The registers range will be from 24h20_1F00 to 24’h20_1FFF. The RX areas will be
from 24’h20_2000 to 24’h20_2FFF.
3.11 EEPROM Format
AX88780 will auto-load data from EEPROM device after hardware reset. If the EEPROM device is not attached, the
loading operation will be discarded. The EEPROM mainly provides MAC address information and CIS information if it is
used in PCMCIA environment. Below table is the format if EEPROM device is employed. Note: If the address of MAC is
48’h123456789ABC then the MACID0 will be 16’h9ABC, MACID1=16h’h5678 and MACID2=16’h1234.
14
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com