Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 2Page - ASIX Electronics Corporation AX88780 Datasheet HTML 3Page - ASIX Electronics Corporation AX88780 Datasheet HTML 4Page - ASIX Electronics Corporation AX88780 Datasheet HTML 5Page - ASIX Electronics Corporation AX88780 Datasheet HTML 6Page - ASIX Electronics Corporation AX88780 Datasheet HTML 7Page - ASIX Electronics Corporation AX88780 Datasheet HTML 8Page - ASIX Electronics Corporation AX88780 Datasheet HTML 9Page - ASIX Electronics Corporation AX88780 Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
AX88780
1.0 Introduction
1.1 General Description
AX88780 supports full-duplex or half-duplex operation at 10/100 Mbps speed with auto-negotiation or manual setting.
The AX88780 has two built-in synchronous SRAMs for buffering packet. The one is 32K bytes for receiving packets
from Ethernet; the other is 8K-bytes for transmitting packets from host system to Ethernet. The AX88780 also has 256
bytes built-in configuration registers. For software programming, the total address space used in AX88780 is 64K bytes in
32-bit mode and 16K bytes in 16-bit mode.
Because AX88780 is a SRAM-like device, AX88780 could be treated as a SRAM device and be attached to SRAM
controller of system. Therefore, system can execute DMA cycles to gain the highest performance. AX88780 needs 2 clock
sources. One is the same to host system clock, and the operating frequency is from 40 MHz to 100 MHz. The other is
25Mhz for internal PHY running in MII mode.
1.2 AX88780 Block Diagram
Figure 1 : AX88780 block diagram
6
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com