Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 26Page - ASIX Electronics Corporation AX88780 Datasheet HTML 27Page - ASIX Electronics Corporation AX88780 Datasheet HTML 28Page - ASIX Electronics Corporation AX88780 Datasheet HTML 29Page - ASIX Electronics Corporation AX88780 Datasheet HTML 30Page - ASIX Electronics Corporation AX88780 Datasheet HTML 31Page - ASIX Electronics Corporation AX88780 Datasheet HTML 32Page - ASIX Electronics Corporation AX88780 Datasheet HTML 33Page - ASIX Electronics Corporation AX88780 Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
AX88780
4.37 TXFAILCNT--TX Fail Counter
Offset Address = FCACh
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
TXFILCNT R/W
All 0’s
TX Fail Counter
This field records the number of transmitted error for TX packet.
4.38 PROMDPR--EEPROM Data Port Register
Offset Address = FCB0h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
PROMDP R/W
All 0’s
EEPROM Data Port
The data to or from EEPROM is set in this field.
4.39 PROMCTRL--EEPROM Control Register
Offset Address= FCB4h
Default = 32’h0000_0000
Field
Name
Type Default
Description
31:15
-
R
All 0’s
Reserved
14:12 ROM_CMD R/W
3’b000
EEPROM Command Code.
Driver set this field to represent what type command will be send to EEPROM
device.
3’b110 = read command
3’b111 = erase command
3’b101 = write command
11
ROM_WT
R/W
0
Write EEPROM
Set to ‘1’ to write EEPROM, it will be cleared when MAC finished the write
operation.
10
ROM_RD
R/W
0
Read EEPROM
Set to ‘1’ to read EEPROM, it will be cleared when MAC finished the read
operation. Driver can read PROMDPR register to get the returned data.
9
ROM_RLD R/W
0
Reload EEPROM
Set to ‘1’ to re-load EEPROM, this bit will be cleared when MAC finished
loading operation.
8
-
R
0
Reserved
7:0
ROM_ADDR R/W
8’h00
EEPROM Address
Set this field to define the address for serial EEPROM access. (only support
16-bit data access, 93C56 type)
4.40 MAXRXLEN--Max. RX Packet Length Register
Offset Address= FCB8h
Default = 32’h0000_0600
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXLEN R/W
11’h600
Max RX Packet length
This field defines the max length of received packet. It doesn’t include 4-byte
CRC.
30
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com