Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 27Page - ASIX Electronics Corporation AX88780 Datasheet HTML 28Page - ASIX Electronics Corporation AX88780 Datasheet HTML 29Page - ASIX Electronics Corporation AX88780 Datasheet HTML 30Page - ASIX Electronics Corporation AX88780 Datasheet HTML 31Page - ASIX Electronics Corporation AX88780 Datasheet HTML 32Page - ASIX Electronics Corporation AX88780 Datasheet HTML 33Page - ASIX Electronics Corporation AX88780 Datasheet HTML 34Page - ASIX Electronics Corporation AX88780 Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
AX88780
4.41 HASHTAB0--Hash Table0 Register
Offset Address = FCC0h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
HTAB0 R/W
16’h0000
Hash table: bit15~bit0
Driver sets HASHTAB0, HASHTAB1, HASHTAB2 and HASHTAB3 to
define 64-bit hash table. AX88780 will refer this table to check multicast
packet if multicast filter is enabled for RX. When AX88780 receives a packet
then it extracts the destination address (DA). The DA is calculated by CRC32
algorithm. After the operation, AX88780 will grab the MSB[31:27] of result
as hash table index. The range of index is from 0 to 63
4.42 HASHTAB1--Hash Table1 Register
Offset Address = FCC4h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
HTAB1 R/W
16’h0000
Hash table: bit31~bit16
4.43 HASHTAB2--Hash Table2 Register
Offset Address = FCC8h
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
HTAB2 R/W
16’h0000
Hash table: bit47~bit32
4.44 HASHTAB3--Hash Table3 Register
Offset Address = FCCCh
Default = 32’h0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
HTAB3 R/W
16’h0000
Hash table: bit63 ~ bit48
4.45 DOGTHD0—Watch Dog Timer Threshold0 Register
Offset Address = FCE0h
Default = 32’h0000_FFFF
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
DOGTH0 R/W
16’hFFFF Watch Dog Timer Low Word
This register and DOGTHD1[7:0] are defined to an expired threshold in
31
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com