Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 20Page - ASIX Electronics Corporation AX88780 Datasheet HTML 21Page - ASIX Electronics Corporation AX88780 Datasheet HTML 22Page - ASIX Electronics Corporation AX88780 Datasheet HTML 23Page - ASIX Electronics Corporation AX88780 Datasheet HTML 24Page - ASIX Electronics Corporation AX88780 Datasheet HTML 25Page - ASIX Electronics Corporation AX88780 Datasheet HTML 26Page - ASIX Electronics Corporation AX88780 Datasheet HTML 27Page - ASIX Electronics Corporation AX88780 Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
AX88780
1 = Full-Duplex mode
0 = Half-Duplex mode
5
RXFLW_EN
R/W
0
RX Flow Control2
To enable RX flow control, driver MUST set this bit & bit8 of RX_CFG.
1 = enable Rx Flow control
0 = disable
4:1
-
R/W
4’b0000
Reserved, must set to ‘0s’ for normal operation
0
-
R/W
0
Reserved, must set to ‘0s’ for normal operation
4.17 MAC_CFG2--MAC Configuration2 Register
Offset Address = FC48h
Default = 32’h0000_0100
Field
Name
Type
Default
Description
15:8
-
R/W
8’h01
Reserved, keep this field in default value for normal operation.
7:2
JamLT
R/W
6’h0
Define Jam Limit for backpressure collision account.
Normally set this field at 19h. It can avoid HUB port going to partition state due to
too many collisions. AX88780 will skip one frame collision backpressure when
collision counter equal to JamLT. The collision count will be reset to zero when
every transmit frame with no collision or receive a frame with no backpressure
collision.
1:0
-
R/W
2’b00
Reserved, must set to ‘2’b00’ for normal operation
4.18 MAC_CFG3--MAC Configuration3 Register
Offset Address = FC4Ch
Default = 32’h0000_060E
Field
Name
Type
Default
Description
15
NOABORT
R/W
0
No Abort
When this bit is enabled, MAC will keep retry transmit current frame even
excessive collision otherwise it will abort current transmission due to
excessive collision.
1 = enable
0 = disable
13:7
IPGR1
R/W
7’h0c
Inter-Frame Gap segment1
6:0
IPGR2
R/W
7’h0E
Inter-Frame Gap segment2
4.19 TXPAUT--TX Pause Time Register
Offset Address= FC54h
Default = 32’h001F_E000
Field
Name
Type
Default
Description
31:23
-
R
Reserved
22:0
TXPVAL R/W
23’h1F_E000 TX Pause Time out
Driver must set this field to 23’h7F_8000 in initial stage for normal
operation. It is used to re-transmit a pause-on frame when pause timer
expired and receive buffer still not enough.
24
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com