Electronic Components Datasheet Search
  English  ▼

X  

AX88780 Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 7Page - ASIX Electronics Corporation AX88780 Datasheet HTML 8Page - ASIX Electronics Corporation AX88780 Datasheet HTML 9Page - ASIX Electronics Corporation AX88780 Datasheet HTML 10Page - ASIX Electronics Corporation AX88780 Datasheet HTML 11Page - ASIX Electronics Corporation AX88780 Datasheet HTML 12Page - ASIX Electronics Corporation AX88780 Datasheet HTML 13Page - ASIX Electronics Corporation AX88780 Datasheet HTML 14Page - ASIX Electronics Corporation AX88780 Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
AX88780
2.7 Miscellaneous
Table 6 : Miscellaneous signals group
Pin Name
Type
Pin No.
Pin Description
LINKLED
IO,
12mA,
PD
55
In power-on reset phase, this pin will be latched by AX88780 to determine that system
operates in 32 or 16-bit mode. High state is 16-bit mode and low state is 32-bit mode.
The default is in 32-bit mode.
Upon finishing reset status, if bit11 of PHY_CTRL register is enabled, this pin stands
for:
Link: indicates a good link status, active low in 16-bit mode and active high in 32-bit
mode.
Traffic: indicates the traffic status and flashes while in TX or RX state.
If bit11 of PHY_CTRL is not enabled, this pin is as general-purpose pin and
controlled by GPIO_CTRL register.
SPDLED
IO,
12mA,
PD
54
In power-on reset phase, this pin will be latched by AX88780 to determine whether
AX88780 swaps the data or not. If the high state, AX88780 will sap the data. The
default is little-endian.
Upon finishing reset stage, if bit12 PHY_CTRL register is enabled, this pin stands for
speed mode. Low indicates PHY is in 10BASE-TX mode, and high state indicates
PHY in 100BASE-T mode.
NA
I
51
This pin is tied to ground for normal operation.
TEST0
I3, PD
52
Floating for normal operation.
TEST1
I3, PD
53
Floating for normal operation.
XTLN
O3
90
25MHz Crystal clock output.
XTLP
I3
91
25MHz Crystal clock input. (Note:
±50ppm, max. 33pF load capacitance)
RSTPB
I3
97
Power-up reset signal. Active low. This pin must be connected with RST_N pin.
IBREF_WESD I
88
Connect a 12.3Kohm resistor to ground.
NC
O3
67,68
No connection
2.8 Power/ground pin
Table 7 : Power/Ground pins group
Pin Name
Type
Pin No.
Pin Description
VCC33
VCC3
1,13,40, 105, 119
Digital 3.3V power
VCC25
VCC2
4,20,27,35,57,60,64,72,78,107,117,123
Digital 2.5V power
GND
GND
8, 56, 73,106
Digital ground
VCC25A
VCC2A 81,85,89,96,98,100
2.5V power for PHY analog part
GNDA
GNDA 82,86,87,92,95,99,101
Analog ground
11
ASIX ELECTRONICS CORPORATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com