Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 18 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 14Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 15Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 16Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 180 page
background image
General Description
MC68HC705MC4 — Rev. 2.0
General Description
The MC68HC705MC4 is available in the 28-pin plastic dual in-line
package (PDIP) and 28-pin small outline integrated circuit (SOIC)
package.
1.3 Features
Features of the MC68HC705MC4 are listed below. Note that all timing is
based on a 3-MHz bus.
•
Low-Cost, HC05 Core Running at 3-MHz Bus Speed at V
DD = 5 V
± 10%
•
28-Pin Plastic Dual In-Line Package (PDIP), Small Outline
Integrated Circuit (SOIC), or Windowed Ceramic Package with
Low Electromagnetic Interference (EMI) Emission Pinout
•
3584 Bytes of User EPROM, Including Eight User Vectors of Two
Bytes Each
•
176 Bytes of User RAM
•
Dual-Channel, High-Speed PWM, Featuring:
–
8-Bit Duty Cycle Resolution
–
Independent Prescaler Frequency Selection and Period
Counters
–
Two Frequency Ranges, Eight Steps in Each:
183 Hz to 23.4 kHz
122 Hz to 15.6 kHz
–
Software Programmable PWM Polarity
–
Dual Software Controllable PWM Output Multiplexer, Each
PWM to Three Input/Output (I/O)
•
8-Bit A/D Converter with Six Input Multiplexer
–
High and Low References
–
Conversion Rate = 10.7
µs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com