Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 77 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 180 page
background image
Analog Subsystem
A/D Data Register
General Release Specification
Analog Subsystem
8.7 A/D Data Register
One 8-bit result register is provided. This register is updated each time
COCO is set. Reset has no effect on this register.
8.8 A/D During Wait Mode
The A/D continues normal operation during wait mode. To decrease
power consumption during wait, it is recommended that both the ADON
and ADRC bits in the A/D status and control register be cleared if the A/D
converter is not being used. If the A/D converter is in use and the system
clock rate is above 1.0 MHz, it is recommended that the ADRC bit be
cleared.
Address:
$0024
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
Figure 8-3. A/D Converter Data Register (ADDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com