Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 88 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 180 page
background image
16-Bit Timer
MC68HC705MC4 — Rev. 2.0
16-Bit Timer
The result obtained by an input capture will be one more than the value
of the free-running counter on the rising edge of the internal clock
preceding the external transition (see Figure 9-10). This delay is
required for internal synchronization. Resolution is affected by the
prescaler, allowing the free-running counter to increment once every
four internal clock cycles.
The contents of the free-running counter are transferred to the input
capture registers on each proper signal transition regardless of the state
of the respective input capture flag bit (ICF1, ICF2) in register TSR, the
respective flag will be set. The input capture registers always contain the
free-running counter value, which corresponds to the most recent input
capture. An interrupt can also accompany a successful input capture if
the respective input capture interrupt enable bit (ICIE) is set.
When the TCMP/TCAP1 bit of TCR is set, input capture function for
TCAP1 is inhibited.
After a read of the MSB of the input capture register pair (ICRH1,
ICRH2), counter transfers are inhibited until the respective LSB of the
register pair (ICRL1, ICRL2) is also read. This characteristic forces the
minimum pulse period attainable to be determined by the time required
to execute an input capture software routine in an application.
Address:
$0019
Bit 7
654321
Bit 0
Read:
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
Write:
Reset:
Unaffected by Reset
Address:
$001A
Bit 7
654321
Bit 0
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
Reset:
Unaffected by Reset
= Unimplemented
Figure 9-9. Input Capture Registers (ICRH2/ICRL2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com