Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 68 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 180 page
background image
Input/Output Ports
MC68HC705MC4 — Rev. 2.0
Input/Output Ports
7.7 Port D
Port D is a 2-bit port. PD7 and PD6 are shared with the 16-bit timer. PD6
is a bidirectional I/O pin but PD7 is an input-only pin. The port D data
register is located at address $0003 and its data direction register (DDR)
is located at address $0007. Reset clears the DDR, setting PD6 to an
input but does not affect the data registers. (See Figure 7-5.)
PD6 may be used for general I/O applications when the timer subsystem
is disabled. PD7 may be used as a general-purpose input when the timer
subsystem is disabled. When the timer subsystem is enabled, port D
registers are still accessible to software. Writing to either of the port D
registers with the timer enabled could interfere with timer operation. See
Section 9. 16-Bit Timer for a discussion of the timer subsystem.
Figure 7-5. Port D Circuitry
READ $0003
TCMP
READ $0007
DATA
REGISTER BIT
I/O
PIN
OUTPUT
INTERNAL HC05
DATA BUS
RESET
(RST)
TCMP/TCAP1
DATA DIRECTION
REGISTER BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com