Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 51 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 50Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 53Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 180 page
background image
Resets
Internal Resets
General Release Specification
Resets
5.4.1 Illegal Address Reset
When an opcode fetch occurs at an address that is not in the RAM or
ROM/EPROM, the part automatically resets. The part will also reset
when an opcode fetch inadvertently occurs at an address within the
bootstrap ROM while the device is in user mode.
5.4.2 Power-On Reset
An internal reset is generated on power-up to allow the internal clock
generator to stabilize. The power-on reset is strictly for power turn-on
conditions and should not be used to detect a drop in the power supply
voltage. There is a 4064 internal processor clock cycle (tcyc) oscillator
stabilization delay after the oscillator becomes active. If the RESET pin
is active at the end of this 4064-cycle delay, the MCU will remain in the
reset condition until RESET goes inactive.
The POR will generate the RST signal and reset the MCU. If any other
reset function is active at the end of this 4064-internal clock cycle delay,
the RST signal will remain active until the other reset condition(s) end.
During POR, RESET will be driven low for four cycles. Although the
external reset pulse is short, it is recommended that the user tie RESET
to VDD through a 1 kΩ resistor (not directly).
5.4.3 Computer Operating Properly Reset
When the COP watchdog timer is enabled (by mask option), the internal
COP reset is generated automatically by a time-out of the COP
watchdog timer. This timer is implemented as part of the core timer. See
Section 12. Core Timer. The COP watchdog counter is cleared by
writing a logical 0 to bit 0 at location $0FF0.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com