Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 15Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 16Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 180 page
background image
General Description
Features
General Release Specification
General Description
•
16-Bit Timer with Two Input Captures or One Input Capture Plus
One Output Compare
–
Resolution = 1.33
µs
–
Input Capture Active Edge Software Selectable as Rising or
Falling
•
15-Stage, Multi-Function Core Timer with Timer Overflow,
Real-Time Interrupt, and Watchdog
•
Asynchronous Serial Communications Interface (SCI)
•
22 General-Purpose I/O Lines, Some Shared with Peripheral
Functions
•
One 8-Bit High Source Current I/O Port
–
10 mA/Pin
–
20 mA Maximum/Port
–
Port A
•
One High-Sink Current 10 mA Output Pin, PB7
•
Mask, Request, Acknowledge, Edge and Sensitivity (Edge- and
Level-Sensitive or Edge-Sensitive Only) Control/Status Bits for
IRQ Interrupt
•
On-Chip Oscillator for Crystal/Ceramic Resonator
•
Mask Selectable Computer Operating Properly (COP) Watchdog
System
•
Illegal Address Reset
•
Steering Diode on RESET Pin to V
DD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com