Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 59 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 180 page
background image
Operating Modes
Bootloader Mode
General Release Specification
Operating Modes
6.4.2 EPROM Programming Register
This register is used to program the EPROM array. To program a byte
of EPROM, set LATCH, then write data to the desired address, and set
EPGM for t
EPGM.
LATCH — EPROM Latch Control
The LATCH bit is a read/write bit. When set, the address and data
buses are latched when a write to EPROM is done. EPROM cannot
be read if LATCH = 1.
1 = EPROM address and data bus configured for programming
0 = EPROM address and data bus configured for normal reads
EPGM — EPROM Program Control
The EPGM bit may be read or cleared at any time. It may only be set
if LATCH = 1. If LATCH = 0, the EPGM is cleared automatically.
LATCH and EPGM must be set sequentially. They cannot both be set
on the same write.
1 = Programming power switched on to the EPROM array
0 = Programming power switched off the EPROM array
Address:
$0026
Bit 7
654321
Bit 0
Read:
LATCH
EPGM
Write:
Reset:
Unaffected by Reset
= Unimplemented
Figure 6-4. EPROM Programming Register (EPGM)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com