Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 76 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 180 page
background image
Analog Subsystem
MC68HC705MC4 — Rev. 2.0
Analog Subsystem
ADON — A/D On
When the A/D is turned on (ADON = 1), it requires a time tADON for
the current sources to stabilize, and results can be inaccurate during
this time. This bit turns on the charge pump. If the ADRC is set,
clearing this bit disables the RC oscillator to save power.
CH3:CH0 — Channel Select Bits
CH3, CH2, CH1, and CH0 form a 4-bit field, which is used to select
one of eight A/D channels. Channels 0–5 correspond to port C input
pins on the MCU. Channels 8-a are used for internal reference points.
In user mode, channel b is reserved and converts to $00. Table 8-1
shows the signals selected by the channel select field.
Using a port C pin as both an analog and digital input simultaneously
is prohibited to prevent excess power dissipation. When the A/D is
enabled (ADON = 1) and one of the channels 0-5 is selected, the
corresponding port C pin will appear as a logic 0 to a digital read. The
remaining port C pins (0-5) will read normally. To digitally read all
eight port C pins simultaneously, the A/D must be disabled
(ADON = 0).
Table 8-1. A/D Channel Assignments
Channel
Signal
0
AD0 Port C Bit 0
1
AD1 Port C Bit 1
2
AD2 Port C Bit 2
3
AD3 Port C Bit 3
4
AD4 Port C Bit 4
5
AD5 Port C Bit 5
6
Unused
7
Unused
8VREFH
9VREFL
a(VREFH + VREFL)/2
b–f
VREFL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com