Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 86 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 180 page
background image
16-Bit Timer
MC68HC705MC4 — Rev. 2.0
16-Bit Timer
Figure 9-6. Output Compare Software Initialization Example
Figure 9-7. State Timing Diagram for Output Compare
9B
.
.
B6
BE
B7
B6
BF
.
.
9A
.
.
XX
XX
1D
18
1E
.
.
SEI
.
.
LDA
LDX
STA
LDA
STX
.
.
CLI
.
.
DATAH
DATAL
OCRH
TSR
OCRL
.
.
BLOCK INTERRUPTS
.
.
HI BYTE FOR COMPARE
LO BYTE FOR COMPARE
INHIBIT OUTPUT COMPARE
ARM OCF BIT TO CLEAR
READY FOR NEXT COMPARE
.
.
UNBLOCK INTERRUPTS
INTERNAL
TIMER
T00
T01
T10
T11
OUTPUT COMPARE
16-BIT
$FFEB
$FFED
$FFEE
$FFEC
OUTPUT COMPARE
$FFED
CPU WRITES $FFED
$FFEF
FLAG AND PIN
REGISTERS
NOTES:
1. A write to the output compare registers may occur at any time, but a compare only occurs at
timer state T01. Therefore, the compare may follow the write by up to four cycles.
2. The output compare flag is set at the timer state T11 that follows the comparison latch.
BUS CLOCK
CLOCKS
COUNTER
COMPARE
REGISTER LATCH
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com