Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 63 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 180 page
background image
General Release Specification
Input/Output Ports
General Release Specification — MC68HC705MC4
Section 7. Input/Output Ports
7.1 Contents
7.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .63
7.3
Port A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64
7.4
MCU Line Interface Recommendations . . . . . . . . . . . . . . . . . .65
7.5
Port B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .66
7.6
Port C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .67
7.7
Port D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .68
7.8
I/O Port Programming. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .69
7.2 Introduction
In the user mode, 22 bidirectional input/output (I/O) lines are arranged
as two 8-bit I/O ports (port A and port C), one 4-bit I/O port (port B), and
one 2-bit port (port D). These ports are programmable as either inputs or
outputs, except port D bit 7 (input only), under software control of the
data direction registers (DDRs).
NOTE:
Enabling any module that is shared with a port could corrupt port data
written to the port before or during the time that module is enabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com