Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 55 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 53Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 180 page
background image
Operating Modes
Bootloader Mode
General Release Specification
Operating Modes
6.4 Bootloader Mode
Bootloader mode is entered upon the rising edge of RESET if the
IRQ/VPP pin is at VPP and the PD7/TCAP2 pin is at logic 1. The
bootloader code resides in ROM between $0F01 and $0FEF. This
program handles copying of user code from an external EPROM or host
computer into the on-chip EPROM. Figure 6-1 shows the timing
required to interface the device being programmed to a host. The
bootloader performs one programming pass at t
EPGM per byte. When
programming is complete, the bootloader code then performs a verify
pass.
NOTE:
The external user code addresses must correspond directly with the
internal EPROM addresses.
6.4.1 Bootloader Functions
Two pins are used to select various bootloader functions. These pins are
PC2 and PC3. In addition, PC1 must be connected to VSS. PC0 is a
SYNC pin, which is used to synchronize the MCU to an off-chip source
driving data to be programmed into the MCU as shown in Figure 6-1.
Two other pins, PC6 and PC7 are used to drive the PROG LED and the
VERF LED respectively. The PC2 and PC3 configurations required to
enter the programming modes are shown in Table 6-1.
NOTE:
PC0 must be connected to VSS through a resistor.
Table 6-2. Bootloader Functions
PC2
PC3
Mode
1
1
Program/Verify
1
0
Verify Only
0
0
Dump EPROM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com