Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 79 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 180 page
background image
General Release Specification
16-Bit Timer
General Release Specification — MC68HC705MC4
Section 9. 16-Bit Timer
9.1 Contents
9.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
9.3
Timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80
9.4
Output Compare . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .84
9.5
Input Capture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .87
9.6
Timer Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .90
9.7
Timer Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .92
9.8
Timer Operation during Wait/Halt Modes . . . . . . . . . . . . . . . . .93
9.2 Introduction
The MC68HC705MC4 MCU contains a single 16-bit programmable
timer with two input capture functions or one input capture function and
an output compare function. The 16-bit timer is driven by the output of a
fixed divide-by-four prescaler operating from the internal clock. The
16-bit timer may be used for many applications including input waveform
measurement while simultaneously generating an output waveform.
Pulse widths can vary from microseconds to seconds depending on the
oscillator frequency selected. The 16-bit timer is also capable of
generating periodic interrupts. See Figure 9-1.
Because the timer has a 16-bit architecture, each function is represented
by two registers. Each register pair contains the high and low byte of that
function. Generally, accessing the low byte of a specific timer function
allows full control of that function; however, an access of the high byte
inhibits that specific timer function until the low byte is also accessed.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com