Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 49 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 50Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 180 page
background image
General Release Specification
Resets
General Release Specification — MC68HC705MC4
Section 5. Resets
5.1 Contents
5.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .49
5.3
External Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50
5.4
Internal Resets . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50
5.4.1
Illegal Address Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51
5.4.2
Power-On Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51
5.4.3
Computer Operating Properly Reset . . . . . . . . . . . . . . . . . .51
5.2 Introduction
The MCU can be reset from four sources: one external input and three
internal reset conditions. The RESET pin is an input with a Schmitt
trigger as shown in Figure 5-1. The CPU and all peripheral modules will
be reset by the RST signal which is the logical OR of internal reset
functions and is clocked by the internal bus clock. The RESET pin will
also be pulled low by internal reset for four bus cycles.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com