Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 83 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 180 page
background image
16-Bit Timer
Timer
General Release Specification
16-Bit Timer
The timer registers and alternate counter registers can be read at any
time without affecting their values. However, the alternate counter
registers differ from the timer registers in one respect: a read of the timer
register LSB can clear the timer overflow flag (TOF). Therefore, the
alternate counter registers can be read at any time without the possibility
of missing timer overflow interrupts due to clearing of the TOF. See
Figure 9-4.
The free-running counter is initialized to $FFFC during reset and is a
read-only register.
Figure 9-4. State Timing Diagram for Timer Overflow
$FFFF
$0001
$0002
$0000
INTERNAL
TIMER
T00
T01
T10
T11
OVERFLOW
16-BIT
FLAG (TOF)
BUS CLOCK
CLOCKS
COUNTER
NOTE:
The TOF bit is set at timer state T11 (transition of counter from $FFFF to $0000). It is cleared by read-
ing the timer status register (TSR) during the high portion of the internal clock followed by reading the
LSB of the counter register pair (TMRL).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com